Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N4029 Datasheet(PDF) 3 Page - Microsemi Corporation

No. de pieza 2N4029
Descripción Electrónicos  PNP SILICON SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4029 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N4029_1 Datasheet HTML 1Page - Microsemi Corporation 2N4029_1 Datasheet HTML 2Page - Microsemi Corporation 2N4029_1 Datasheet HTML 3Page - Microsemi Corporation 2N4029_1 Datasheet HTML 4Page - Microsemi Corporation 2N4029_1 Datasheet HTML 5Page - Microsemi Corporation 2N4029_1 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0157 Rev. 2 (101305)
Page 3 of 6
PACKAGE DIMENSIONS
NOTES:
1
Dimension are in inches.
2
Millimeters equivalents are given for general information only.
3
Beyond r (radius) maximum, TW shall be held for a minimum length of .011 (0.28 mm).
4
Dimension TL measured from maximum HD.
5
Body contour optional within zone defined by HD, CD, and Q.
6
Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm) below seating plane shall be within .007 inch (0.18mm)
radius of true position (TP) at maximum material condition (MMC) relative to tab at MMC. The device may be measured by
direct methods.
7
Dimension LU applies between L1 and L2. Dimension LD applies between L2 and minimum. Diameter is uncontrolled in L1
and beyond LL minimum.
8
All three leads.
9
The collector shall be internally connected to the case.
10 Dimension r (radius) applies to both inside corners of tab.
11 In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
12 For “L” suffix devices, dimension LL is 1.50 (38.10mm) minimum, 1.75 (44.45mm) maximum.
FIGURE 1. Physical dimensions for 2N4029 (TO-18).
Dimensions
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.178
.195
4.52
4.95
CH
.170
.210
4.32
5.34
HD
.209
.230
5.31
5.84
LC
.100 TP
2.54 TP
6
LD
.016
.021
0.41
0.53
7, 8
LL
.500
.750
12.70 19.05
7, 8, 12
LU
.016
.019
0.41
0.48
7, 8
L1
.050
1.27
7, 8
L2
.250
6.35
7, 8
Q
.040
1.02
5
TL
.028
.048
0.71
1.22
3, 4
TW
.036
.046
0.91
1.17
3
r
.010
0.25
10
P
.100
2.54
α
45° TP
6


Número de pieza similar - 2N4029_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4029 ONSEMI-2N4029_13 Datasheet
82Kb / 6P
   Small Signal Switching Transistor
November, 2013 ??Rev. 1
More results

Descripción similar - 2N4029_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com