Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC78624E Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC78624E
Descripción Electrónicos  Compact Disc Player DSP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78624E Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC78624E Datasheet HTML 7Page - Sanyo Semicon Device LC78624E Datasheet HTML 8Page - Sanyo Semicon Device LC78624E Datasheet HTML 9Page - Sanyo Semicon Device LC78624E Datasheet HTML 10Page - Sanyo Semicon Device LC78624E Datasheet HTML 11Page - Sanyo Semicon Device LC78624E Datasheet HTML 12Page - Sanyo Semicon Device LC78624E Datasheet HTML 13Page - Sanyo Semicon Device LC78624E Datasheet HTML 14Page - Sanyo Semicon Device LC78624E Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
• CLV mode
In CLV mode the LC78624E detects the disk speed from the HF signal and provides proper linear speed using
several different control schemes by switching the DSP internal modes. The PWM reference period corresponds to
a frequency of 7.35 kHz. The V/P pin outputs a high level during rough servo and a low level during phase control.
• Rough servo gain switching
For 8 cm disks, the rough servo mode CLV control gain can be set about 8.5 dB lower than the gain used for 12 cm
disks.
• Phase control gain switching
The phase control gain can be changed by changing the divisor used by the dividers in the stage immediately
preceding the phase comparator.
No. 5811-11/27
LC78624E
Internal mode
CLV+
CLV
V/P
Rough servo (velocity too low)
High
Low
High
Rough servo (velocity too high)
Low
High
High
Phase control (PCK locked)
PWM
PWM
Low
Code
Command
RES = low
$B1
CLV PHASE COMPARATOR DIVISOR: 1/2
$B2
CLV PHASE COMPARATOR DIVISOR: 1/4
$B3
CLV PHASE COMPARATOR DIVISOR: 1/8
$B0
NO CLV PHASE COMPARATOR DIVISOR USED
q
q
Code
Command
RES = low
$A8
DISC 8 cm SET
$A9
DISC 12 cm SET
q
q
A09906


Número de pieza similar - LC78624E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78625 SANYO-LC78625 Datasheet
440Kb / 35P
   Compact Disc Player DSP
More results

Descripción similar - LC78624E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com