Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC865512B Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LC865512B
Descripción Electrónicos  8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865512B Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC865512B Datasheet HTML 1Page - Sanyo Semicon Device LC865512B Datasheet HTML 2Page - Sanyo Semicon Device LC865512B Datasheet HTML 3Page - Sanyo Semicon Device LC865512B Datasheet HTML 4Page - Sanyo Semicon Device LC865512B Datasheet HTML 5Page - Sanyo Semicon Device LC865512B Datasheet HTML 6Page - Sanyo Semicon Device LC865512B Datasheet HTML 7Page - Sanyo Semicon Device LC865512B Datasheet HTML 8Page - Sanyo Semicon Device LC865512B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LC865520B/16B/12B/08B/04B
No.6697-2/21
(4) Ports
- Input/output ports
: 3 ports (16 terminals : port 1,7,8)
Input/output programmable for each bit individually
- Maximum 15V withstand tolerance input/output port
: 2 ports (15 terminals)
Input/output programmable in nibble units
: 1 port (8 terminals : port 0)
(When the N-channel open drain output is selected, input/output can be specified by bit.)
Input/output programmable for each bit individually
: 1 port (7 terminals : port 3)
- Input ports
: 2 ports (6 terminals : port 7,8)
(5) AD converter
- 8-channel
× 8-bit AD converter
(6) Serial interface
- 1 channel
× 16-bit serial interface (8-bit transmission available by program)
- 1 channel
× 8-bit serial interface
LSB first/MSB first-function available
- An internal 8-bit baud-rate generator is common to both serial-interface circuits.
(7) Timer
- Timer 0
16-bit timer/counter
2-bit prescaler + 8-bit programmable prescaler
Mode 0 : Two 8-bit timers with programmable prescaler
Mode 1 : 8-bit timer with programmable prescaler + 8-bit counter
Mode 2 : 16-bit timer with programmable prescaler
Mode 3 : 16-bit counter
The resolution of Timer is tCYC. (tCYC: cycle time)
- Timer 1
16-bit timer/PWM
Mode 0 : Two 8-bit timers
Mode 1 : 8-bit timer + 8-bit PWM
Mode 2 : 16-bit timer
Mode 3 : Variable-bit PWM (9-16bits)
In Mode 0 and Mode 1, the resolution of Timer and PWM is tCYC.
In Mode 2 and Mode 3, the resolution of Timer and PWM is selectable by program: tCYC or 1/2 tCYC.
- Base timer
Generates an overflow every 500ms for a clock application (using 32.768kHz crystal oscillation for the base timer
oscillator).
Generates an overflow every 976
µs, 3.9ms, 15.6ms or 62.5ms (using 32.768kHz crystal oscillation for the base timer
clock)
Clock for the base timer is selectable from 32.768kHz crystal oscillation, system clock, or programmable prescaler
output of Timer 0.
(8) Buzzer output
- Built-in 4KHz and 2KHz buzzer generation function (using 32.768kHz crystal oscillation for the base timer oscillator)
(9) Remote receiver circuit (share with P73/INT3/T0IN terminal)
- Noise Rejection function (The filtering time of the noise rejection filter (1tCYC/16tCYC/64tCYC) can be switched by
program.)
(tCYC: instruction-cycle-time)
- Polarity switch function
(10) Watchdog timer
- External RC circuit is required.
- Interrupt or system reset is activated when the timer overflows.


Número de pieza similar - LC865512B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC865512B SANYO-LC865512B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Descripción similar - LC865512B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com