Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC865632 Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza LC865632
Descripción Electrónicos  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865632 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC865632 Datasheet HTML 4Page - Sanyo Semicon Device LC865632 Datasheet HTML 5Page - Sanyo Semicon Device LC865632 Datasheet HTML 6Page - Sanyo Semicon Device LC865632 Datasheet HTML 7Page - Sanyo Semicon Device LC865632 Datasheet HTML 8Page - Sanyo Semicon Device LC865632 Datasheet HTML 9Page - Sanyo Semicon Device LC865632 Datasheet HTML 10Page - Sanyo Semicon Device LC865632 Datasheet HTML 11Page - Sanyo Semicon Device LC865632 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LC865632/28/24/20/16/12/08A
No.6698-8/20
Pin name
I/O
Function description
Option
• 5-bit input port
• Other pin functions
P70 : INT0 input/HOLD release/N-channel
Tr. output for watchdog timer
P71 : INT1 input/HOLD release input
P72 : INT2 input/timer 0 event input
P73 : INT3 input with noise filter/timer 0
event input
P74 : Input pin XT1 for 32.768kHz crystal
oscillation
• Interrupt received form, vector address
• Pull-up resistor :
Provided/Not provided
(P70,71,72,73)
P74 does not have Pull-up resistor
option
rising
falling
rising
&
falling
high
level
low
level
vector
INT0
enable
enable disable enable
enable
03H
INT1
enable
enable disable enable
enable
0BH
INT2
enable
enable
enable disable disable
13H
PORT7
P70
P71 - P74
I/O
I
INT3
enable
enable
enable disable disable
1BH
PORT8
P80 - P87
I
• 8-bit input port
• Pin description
AD input port (8 port pins)
-
RES
I
Reset pin
-
TEST1
O
• Test pin
Should be left unconnected
• Output fixed HIGH
XT1/ P74
I
• Input pin for 32.768kHz crystal oscillation
In case of non use, connect to VDD
• Other function : Input port P74
-
XT2
O
• Output pin for 32.768kHz crystal oscillation
• In case of non use, should be left
unconnected
-
CF1
I
Input pin for ceramic resonator oscillation
-
CF2
O
Output pin for ceramic resonator oscillation
-
* All of port options can be specified in bit unit.
* A state of pins at reset
Pin name
Input/output mode
A state of pull-up resistor specified at pull-up option
Port 0
Ports 70,71,72,73
Input
Fixed pull-up resistor exist
Ports 1,2,3,4,5
Input
Programmable pull-up resistor OFF


Número de pieza similar - LC865632

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC865632 SANYO-LC865632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC865632 SANYO-LC865632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Descripción similar - LC865632

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com