Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC865504B Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza LC865504B
Descripción Electrónicos  8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865504B Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC865504B Datasheet HTML 4Page - Sanyo Semicon Device LC865504B Datasheet HTML 5Page - Sanyo Semicon Device LC865504B Datasheet HTML 6Page - Sanyo Semicon Device LC865504B Datasheet HTML 7Page - Sanyo Semicon Device LC865504B Datasheet HTML 8Page - Sanyo Semicon Device LC865504B Datasheet HTML 9Page - Sanyo Semicon Device LC865504B Datasheet HTML 10Page - Sanyo Semicon Device LC865504B Datasheet HTML 11Page - Sanyo Semicon Device LC865504B Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LC865520B/16B/12B/08B/04B
No.6697-8/21
Pin description
Name
I/O
Function description
Option
VSS
-
Power terminal (-)
-
VDD
-
Power terminal (+)
-
PORT0
P00 to P07
I/O
• 8-bit input/output port
• Port 0 interrupt input
• Data direction programmable in nibble units
• HOLD release input
• A withstand tolerance of 15V when selecting N-channel
open drain output
• Pull-up resistor :
Provided/Not provided
(specified in
nibble units)
• Output form :
CMOS/N-channel open drain
(specified by bit)
PORT1
P10 to P17
I/O
• 8-bit input/output port
• Data direction programmable for each bit individually
• Other functions
P10 SIO0 data output
P11 SIO0 data input, bus input/output
P12 SIO0 clock input/output
P13 SIO1 data output
P14 SIO1 data input, bus input/output
P15 SIO1 clock input/output
P16 Buzzer output
P17 Timer 1 output (PWM0 output)
• Output form :
CMOS/N-channel open drain
(specified by bit)
PORT3
P30 to P36
I/O
• 7-bit input/output port
• Data direction programmable for each bit individually
• A withstand tolerance of 15V when selecting N-channel
open drain output
• Pull-up resistor :
Provided/Not provided
(specified by bit)
• Output form :
CMOS/N-channel open drain
(specified by bit)
• 4-bit input/output port
• Data direction programmable for each bit individually
• 2-bit input port
• Other functions
P70 : INT0 input/HOLD release input/N-ch Tr. output
for watchdog timer
P71 : INT1 input/HOLD release input
P72 : INT2 input/timer 0 event input
P73 : INT3 input with noise filter/timer 0 event input
P74
: Input terminal XT1 for 32.768kHz X'tal oscillation
P75 : Output terminal XT2 for 32.768kHz X'tal oscillation
• Interrupt detection style, vector address
Rising
Falling Rising/
Falling
H level
L level Vector
INT0
enable
enable
disable
enable
enable
03H
INT1
enable
enable
disable
enable
enable
0BH
INT2
enable
enable
enable
disable
disable
13H
PORT7
P70 to P73
P74
, P75
I/O
I
INT3
enable
enable
enable
disable
disable
1BH
Continue.


Número de pieza similar - LC865504B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC865504B SANYO-LC865504B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Descripción similar - LC865504B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com