Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC1G08SE-7 Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza 74AHC1G08SE-7
Descripción Electrónicos  SINGLE 2 INPUT POSITIVE AND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G08SE-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  74AHC1G08SE-7 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74AHC1G08
SINGLE 2 INPUT POSITIVE AND GATE
74AHC1G08
Document number: DS35172 Rev. 1 - 2
3 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to 6.5
V
VI
Input Voltage Range
-0.5 to 6.5
V
VO
Voltage applied to output in high or low state
-0.5 to VCC +0.5
V
IIK
Input Clamp Current VI<0
-20
mA
IOK
Output Clamp Current (VO < 0 or VO > VCC)
±20
mA
IO
Continuous output current (VO = 0 to VCC)
±25
mA
ICC
Continuous current through VCC
50
mA
IGND
Continuous current through GND
-50
mA
TJ
Operating Junction Temperature
-40 to 150
°C
TSTG
Storage Temperature
-65 to 150
°C
Notes:
2. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommend values.
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
2
5.5
V
VIH
High-level Input Voltage
VCC = 2V
1.5
V
VCC = 3V
2.1
VCC = 5.5V
3.85
VIL
Low-level input voltage
VCC = 2V
0.5
V
VCC = 3V
0.9
VCC = 5.5V
1.65
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-level output current
VCC = 2V
-50
uA
VCC = 3.3V ± 0.3V
-4
mA
VCC = 5V ± 0.5V
-8
IOL
Low-level output current
VCC = 2V
50
uA
VCC = 5V ± 0.5V
4
mA
VCC = 3V
8
Δt/ΔV
Input transition rise or fall
rate
VCC = 3.3V ± 0.3V
100
ns/V
VCC = 5V ± 0.5V
20
TA
Operating free-air
temperature
-40
125
ºC
Notes:
3. Unused inputs should be held at VCC or Ground.


Número de pieza similar - 74AHC1G08SE-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC1G08 PHILIPS-74AHC1G08 Datasheet
80Kb / 12P
   2-input AND gate
1999 Jan 27
74AHC1G08 PHILIPS-74AHC1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
74AHC1G08 NXP-74AHC1G08 Datasheet
77Kb / 11P
   2-input AND gate
Rev. 06-29 June 2007
logo
Nexperia B.V. All right...
74AHC1G08 NEXPERIA-74AHC1G08 Datasheet
210Kb / 11P
   2-input AND gate
Rev. 8 - 11 January 2022
74AHC1G08-Q100 NEXPERIA-74AHC1G08-Q100 Datasheet
682Kb / 12P
   2-input AND gate
More results

Descripción similar - 74AHC1G08SE-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com