Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AHC1G126SE-7 Datasheet(PDF) 6 Page - Diodes Incorporated |
|
74AHC1G126SE-7 Datasheet(HTML) 6 Page - Diodes Incorporated |
6 / 9 page 74AHC1G126 SINGLE BUFFER GATE WITH 3-STATE OUTPUT 74AHC1G126 Document number: DS35177 Rev. 1 - 2 6 of 9 www.diodes.com March 2011 © Diodes Incorporated Parameter Measurement Information RL CL (see Note A) Under Test Vcc Open GND S1 =1 kΩ TEST S1 tPLH/tPHL Open tPLZ/tPZL Vload tPHZ/tPZH GND VCC Inputs VM CL V ∆ VI tr/tf 3.3V±0.3V VCC ≤3ns VCC/2 15pF 0.3V 5V±0.5V VCC ≤3ns VCC/2 15pF 0.3V 3.3V±0.3V VCC ≤3ns VCC/2 50pF 0.3V 5V±0.5V VCC ≤3ns VCC/2 50pF 0.3V Voltage Waveform Pulse Duration Voltage Waveform Enable and Disable Times Low and High Level Enabling Voltage Waveform Propagation Delay Times Inverting and Non Inverting Outputs Figure 1. Load Circuit and Voltage Waveforms Notes: A. Includes test lead and test apparatus capacitance. B. All pulses are supplied at pulse repetition rate ≤ 1 MHz. C. Inputs are measured separately one transition per measurement. D. tPLZ and tPHZ are the same as tdis. E. tPZL and tPZH are the same as tEN. F. tPLH and tPHL are the same as tPD. |
Número de pieza similar - 74AHC1G126SE-7 |
|
Descripción similar - 74AHC1G126SE-7 |