Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC867140 Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC867140
Descripción Electrónicos  8-Bit Single Chip Microcontroller with the UVEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC867140 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC867140 Datasheet HTML 7Page - Sanyo Semicon Device LC867140 Datasheet HTML 8Page - Sanyo Semicon Device LC867140 Datasheet HTML 9Page - Sanyo Semicon Device LC867140 Datasheet HTML 10Page - Sanyo Semicon Device LC867140 Datasheet HTML 11Page - Sanyo Semicon Device LC867140 Datasheet HTML 12Page - Sanyo Semicon Device LC867140 Datasheet HTML 13Page - Sanyo Semicon Device LC867140 Datasheet HTML 14Page - Sanyo Semicon Device LC867140 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LC86E7148
No.6748-11/20
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
FmCF(1)
CF1, CF2
•6MHz (ceramic
resonator oscillation)
•Refer to figure 1
4.5-6.0
5.88
6
6.12
FmCF(2)
CF1, CF2
•3MHz (ceramic
resonator oscillation)
•Refer to figure 1
4.5-6.0
2.94
3
3.06
FmRC
RC oscillation
4.5-6.0
0.4
0.8
3.0
MHz
Oscillation
frequency
range
(Note 1)
FsXtal
XT1, XT2
•32.768kHz
(crystal oscillation)
•Refer to figure 2
4.5-6.0
32.768
kHz
tmsCF(1)
CF1, CF2
•6MHz
(ceramic resonator
oscillation)
•Refer to figure 3
4.5-6.0
tmsCF(2)
CF1, CF2
•3MHz
(ceramic resonator
oscillation)
•Refer to figure 3
4.5-6.0
ms
Oscillation
stabilizing
time period
(Note 1)
tssXtal
XT1, XT2
•32.768kHz
(crystal oscillation)
•Refer to figure 3
4.5-6.0
s
(Note 1) The oscillation constant is shown on table 1 and table 2.


Número de pieza similar - LC867140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC867140 SANYO-LC867140 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Descripción similar - LC867140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com