Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC74950BG Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LC74950BG
Descripción Electrónicos  CMOS IC Silicon gate 40/30MSPS Analog Display I/F LSI
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74950BG Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC74950BG Datasheet HTML 1Page - Sanyo Semicon Device LC74950BG Datasheet HTML 2Page - Sanyo Semicon Device LC74950BG Datasheet HTML 3Page - Sanyo Semicon Device LC74950BG Datasheet HTML 4Page - Sanyo Semicon Device LC74950BG Datasheet HTML 5Page - Sanyo Semicon Device LC74950BG Datasheet HTML 6Page - Sanyo Semicon Device LC74950BG Datasheet HTML 7Page - Sanyo Semicon Device LC74950BG Datasheet HTML 8Page - Sanyo Semicon Device LC74950BG Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
LC74950BG
No.A1647-2/37
Functions & Overview
1. Input
All the inputs listed below can be connected to the analog ports. It is also possible to switch between the inputs of
two systems and use the one selected.
YCbCr/YPbPr input (480I/576I, 480P/576P): Component input
RGB: RGB input
External clock supported
2. Output
Digital 8-bit/channel output
3. Clamp
Analog clamping and digital clamping supported
4. Gain
Digital gain adjustment
5. PLL circuit
This circuit can be used as the H lock or frequency-multiplied clock. It is also possible to use the PLL circuit and
analog-digital converter (ADC) independently.
H lock PLL circuit: This makes it possible to generate a clock synchronized with the external H sync signal.
Frequency-multiplier PLL circuit: This makes it possible to generate clocks synchronized with an external clock.
6. External interface
I
2C: This supports the 100kHz mode. It is possible to select slave addresses by establishing pin settings.
Slave addresses: 0x98, 0x9A
7. PDOWN
Power-down of the whole system can be controlled using the PDOWN pin. Alternatively, the ADC, PLL and other
circuits can be powered down separately using register settings. This makes it possible to limit the power as required.
Specifications
Absolute Maximum Ratings at Ta = 25
°C, DVSS = 0V, AVSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage (I/O)
DVDD33
AVDD33
-0.3 to +3.95
V
Maximum supply voltage (core)
DVDD15
AVDD15
-0.3 to +1.8
V
VI
-0.3 to +5.5
V
Digital input voltage
VI
(when in low voltage)
-0.3 to DVDD33+0.3
V
Digital output voltage
VO
-0.3 to DVDD33+0.3
V
Operating temperature
Topr
-30 to +70
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges at Ta = -30 to +70
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
AVDD33
3.00
3.3
3.60
V
Max 40MHz
3.00
3.3
3.60
V
Supply voltage (I/O)
DVDD33
Max 30MHz
2.40
3.3
3.60
V
Supply voltage (I/O)
DVDD15
AVDD15
1.35
1.5
1.65
V
Input voltage range
(5V withstand voltage pin)
VIN5
0
5.5
V
Input voltage range
(non-5V withstand voltage pin)
VIN
0
3.9
V


Número de pieza similar - LC74950BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
More results

Descripción similar - LC74950BG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
logo
NEC
UPD6700 NEC-UPD6700 Datasheet
384Kb / 12P
   FIP STATIC DISPLAY DRIVER CMOS LSI
logo
ON Semiconductor
LC898301AXA ONSEMI-LC898301AXA Datasheet
160Kb / 12P
   Liner Vibrator Driver IC CMOS LSI
May, 2022 - Rev. 4
logo
Sanyo Semicon Device
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
logo
Nippon Precision Circui...
CF5750A NPC-CF5750A Datasheet
113Kb / 4P
   Analog Clock CMOS IC
CF5741AA NPC-CF5741AA Datasheet
56Kb / 7P
   Analog Clock CMOS IC
CF5732EA NPC-CF5732EA Datasheet
42Kb / 6P
   Analog clock CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com