Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC865508 Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC865508
Descripción Electrónicos  8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865508 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC865508 Datasheet HTML 7Page - Sanyo Semicon Device LC865508 Datasheet HTML 8Page - Sanyo Semicon Device LC865508 Datasheet HTML 9Page - Sanyo Semicon Device LC865508 Datasheet HTML 10Page - Sanyo Semicon Device LC865508 Datasheet HTML 11Page - Sanyo Semicon Device LC865508 Datasheet HTML 12Page - Sanyo Semicon Device LC865508 Datasheet HTML 13Page - Sanyo Semicon Device LC865508 Datasheet HTML 14Page - Sanyo Semicon Device LC865508 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LC86P5420
No.6730-11/22
2. Recommended Operating Range at Ta= -- 30
°C to +70°C, VSS=0V
Parameter
Symbol
Pins
Conditions
Ratings
VDD [V]
min.
typ.
max.
unit
Operating
VDD
VDD
0.98
µs≤ tCYC
4.5
6.0
V
supply
tCYC
≤400µs
voltage range
HOLD voltage
VHD
VDD
RAMs and
2.0
6.0
Registers hold
voltage at HOLD
mode.
Input high
VIH(1)
Port 0 at CMOS
Output disable
4.5 to 6.0 0.33VDD
VDD
voltage
output
+1.0
VIH(2)
Port 0 at N-ch
Output disable
4.5 to 6.0 0.75VDD
13.5
open drain output
option.
VIH(3)
•Port 1
Output disable
4.5 to 6.0 0.75VDD
VDD
•Ports 72, 73
•Port 3 at CMOS
output
VIH(4)
Port 3 at N-ch
Output disable
4.5 to 6.0 0.75VDD
13.5
open drain output
option.
VIH(5)
•Port 70
Output disable
4.5 to 6.0 0.75VDD
VDD
Port input /
interrupt
•Port 71
•RES
VIH(6)
Port 70
Output disable
4.5 to 6.0 0.9VDD
VDD
Watchdog timer
VIH(7)
•Port 8
Output disable
4.5 to 6.0 0.75VDD
VDD
•Ports 74, 75
Using as port
Input low
VIL(1)
Port 0 at CMOS
Output disable
4.5 to 6.0
VSS
0.2VDD
voltage
output option
VIL(2)
Port 0 at N-ch
Output disable
4.5 to 6.0
VSS
0.25VDD
open drain output
option.
VIL(3)
•Ports 1, 3
Output disable
4.5 to 6.0
VSS
0.25VDD
•Ports 72, 73
VIL(4)
•Port 70
Output disable
4.5 to 6.0
VSS
0.25VDD
Port input /
interrupt
•Port 71
•RES
VIL(5)
Port 70
Output disable
4.5 to 6.0
VSS
0.8VDD
Watchdog timer
-1.0
VIL(6)
•Port 8
Output disable
4.5 to 6.0
VSS
0.25VDD
•Ports 74, 75
Using as port
Operation
tCYC
4.5 to 6.0
0.98
400
µs
cycle time


Número de pieza similar - LC865508

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC865508 SANYO-LC865508 Datasheet
74Kb / 21P
   8-Bit Single Chip Microcontroller????
LC865508B SANYO-LC865508B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865508B SANYO-LC865508B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Descripción similar - LC865508

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com