Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC866008 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LC866008
Descripción Electrónicos  8-Bit Single Chip Microcontroller with One-Time PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866008 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC866008 Datasheet HTML 1Page - Sanyo Semicon Device LC866008 Datasheet HTML 2Page - Sanyo Semicon Device LC866008 Datasheet HTML 3Page - Sanyo Semicon Device LC866008 Datasheet HTML 4Page - Sanyo Semicon Device LC866008 Datasheet HTML 5Page - Sanyo Semicon Device LC866008 Datasheet HTML 6Page - Sanyo Semicon Device LC866008 Datasheet HTML 7Page - Sanyo Semicon Device LC866008 Datasheet HTML 8Page - Sanyo Semicon Device LC866008 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LC86P6032
No.4212-3/22
• Port configuration at reset
Pin
Option settings
LC86P6032
LC866032/28/24/20/16/12/08
P0
Input : No pull-up MOS transistor
Output : N-channel open drain
(Same as for the mask version)
Input mode without pull-up
MOS transistor (Output is OFF)
Input : Pull-up MOS transistor
Output : CMOS
Input mode
•The Pull-up MOS transistor is
not present during reset or several
hundred
microseconds
after
releasing reset. After that, the
pull-up MOS transistor is present.
(Output is OFF)
Input mode with pull-up MOS
transistor (Output is OFF)
P1
Input : Programmable pull-up MOS
transistor
Output : N-channel open drain
(Same as for the mask version)
Input mode without pull-up
MOS transistor (Output is OFF)
Input : Programmable pull-up MOS
transistor
Output : CMOS
(Same as for the mask version)
Input mode without pull-up
MOS transistor (Output is OFF)
P7
Pull-up MOS transistor not
provided
(Same as for the mask version)
Input mode without pull-up
MOS transistor
Pull-up MOS transistor provided
Input mode
•The Pull-up MOS transistor is
not present during reset or several
hundred
microseconds
after
releasing reset. After that, the
pull-up MOS transistor is present.
Input mode with pull-up MOS
transistor
(2) Option
The option data is created by the option specified program “SU866000.EXE”. The created option data is linked to the
program area by the linkage loader “L866000.EXE”.
(3) ROM space
LC86P6032 and LC866000 series use 256 bytes that is addressed on 07F00H to 07FFFH in the program memory as the
option specified data area. These program memory capacity are 32512 bytes that is addressed on 0000H to 7EFFH.
(4) Ordering information
1.When ordering identical mask ROM and PROM devices simultaneously.
Provide an EPROM containing the target memory contents together with separate order forms for each of the mask
ROM and PROM versions.
2. When ordering a PROM device.
Provide an EPROM containing the target memory contents together with an order form.
7FFFH
7F00H
7EFFH
6FFFH
5FFFH
4FFFH
3FFFH
2FFFH
1FFFH
0000H
32K
Option data
area 256 bytes
LC866032
LC86P6032
28K
Option
Data Area
LC866028
24K
Option
Data Area
LC866024
20K
Option
Data Area
LC866020
16K
Option
Data Area
LC866016
12K
Option
Data Area
LC866012
8K
Option
Data Area
LC866008


Número de pieza similar - LC866008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC866008A SANYO-LC866008A Datasheet
373Kb / 20P
   8-bit single chip microcomputer?
LC866008C SANYO-LC866008C Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
More results

Descripción similar - LC866008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com