Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC866424 Datasheet(PDF) 9 Page - Sanyo Semicon Device

No. de pieza LC866424
Descripción Electrónicos  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866424 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC866424 Datasheet HTML 5Page - Sanyo Semicon Device LC866424 Datasheet HTML 6Page - Sanyo Semicon Device LC866424 Datasheet HTML 7Page - Sanyo Semicon Device LC866424 Datasheet HTML 8Page - Sanyo Semicon Device LC866424 Datasheet HTML 9Page - Sanyo Semicon Device LC866424 Datasheet HTML 10Page - Sanyo Semicon Device LC866424 Datasheet HTML 11Page - Sanyo Semicon Device LC866424 Datasheet HTML 12Page - Sanyo Semicon Device LC866424 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LC86P6449
No.6689-9/22
Pin name
I/O
Function description
Option
PROM mode
CF1
I
Input pin for the ceramic resonator oscillation
-
-
CF2
O
Output pin for the ceramic resonator oscillation
-
-
♦ All of port options except the pull-up resistor option of port 0 can be specified in a bit unit.
*1
Memory select input for data security
*2
Output enable input
*3
Chip enable input
*4
Connect like the following figure to reduce noise into a VDD1 terminal.
*5
TA ! PROM control signal input
*6
S0/T0 to S6/T6 : not provided the pull-down resistor
*7
S7/T7 to S15/T15 : provided the pull-down resistor (fixed)
*8
S16 to S27 : provided the pull-down resistor (fixed)
*9
S28 to S31 : not provided the pull-down resistor
*10 S32 to S37 : not provided the pull-down resistor
[Notes]
When connecting to the power supply, the power pins must be connected like following figure.
For the LC866448B/44B/40B/36B
For the LC866432A/28A/24A/20A/16A/12A/08A
Power
Supply
VDD1
VDD2
(VFD power pin)
VSS1
VSS2
LSI
For back-up
Power
Supply
VDD1
VDD2
(VFD power pin)
VSS1
VSS2
LSI
For back-up


Número de pieza similar - LC866424

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC866424 SANYO-LC866424 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866424A SANYO-LC866424A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866424A SANYO-LC866424A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
LC866424B SANYO-LC866424B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Descripción similar - LC866424

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com