Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC875048B Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC875048B
Descripción Electrónicos  8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875048B Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC875048B Datasheet HTML 7Page - Sanyo Semicon Device LC875048B Datasheet HTML 8Page - Sanyo Semicon Device LC875048B Datasheet HTML 9Page - Sanyo Semicon Device LC875048B Datasheet HTML 10Page - Sanyo Semicon Device LC875048B Datasheet HTML 11Page - Sanyo Semicon Device LC875048B Datasheet HTML 12Page - Sanyo Semicon Device LC875048B Datasheet HTML 13Page - Sanyo Semicon Device LC875048B Datasheet HTML 14Page - Sanyo Semicon Device LC875048B Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LC875064B/56B/48B
No.6714-11/26
1. Absolute Maximum Ratings at Ta=25
°C, VSS1=VSS2=VSS3=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX
VDD1, VDD2,
VDD3
VDD1=VDD2
=VDD3
-0.3
+7.0
Input voltage
VI(1)
XT1, XT2, CF1
-0.3
VDD+0.3
Output voltage
VO(1)
PWM0, PWM1
-0.3
VDD+0.3
Input/output
voltage
VIO(1)
Ports 0, 1, 2
Ports 7, 8
Ports A, B, C
PWM0, PWM1
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 2
Ports A, B, C
PWM0, PWM1
•CMOS output
•For each pin.
-10
Peak
output
current
IOPH(2)
Port 7
For each pin.
-5
ΣIOAH(1)
Port 7
The total of all pins.
-5
ΣIOAH(2)
Port 8
The total of all pins.
-5
ΣIOAH(3)
Port 1
PWM0, PWM1
The total of all pins.
-20
ΣIOAH(4)
Port 0
The total of all pins.
-20
ΣIOAH(5)
Ports 2, B
The total of all pins.
-20
High
level
output
current
Total
output
current
ΣIOAH(6)
Ports A, C
The total of all pins.
-20
IOPL(1)
P02-P07
Ports 1, 2
Ports A, B, C
PWM0, PWM1
For each pin.
20
IOPL(2)
P00, P01
For each pin.
30
Peak
output
current
IOPL(3)
Ports 7, 8
For each pin.
15
ΣIOAL(1)
Port 7
The total of all pins.
5
ΣIOAL(2)
Port 8
The total of all pins.
5
ΣIOAL(3)
Port 1
PWM0, PWM1
The total of all pins.
40
ΣIOAL(4)
Port 0
The total of all pins.
70
ΣIOAL(5)
Ports 2, B
The total of all pins.
40
Low
level
output
current
Total
output
current
ΣIOAL(6)
Ports A, C
The total of all pins.
40
mA
Maximun power
dissipation
Pdmax
QFP64E
Ta=-30 to +70°C
430
mW
Operating
temperature
range
Topg
-20
70
Storage
temperature
range
Tstg
-65
150
°C


Número de pieza similar - LC875048B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
More results

Descripción similar - LC875048B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com