Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC867112 Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LC867112
Descripción Electrónicos  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC867112 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC867112 Datasheet HTML 1Page - Sanyo Semicon Device LC867112 Datasheet HTML 2Page - Sanyo Semicon Device LC867112 Datasheet HTML 3Page - Sanyo Semicon Device LC867112 Datasheet HTML 4Page - Sanyo Semicon Device LC867112 Datasheet HTML 5Page - Sanyo Semicon Device LC867112 Datasheet HTML 6Page - Sanyo Semicon Device LC867112 Datasheet HTML 7Page - Sanyo Semicon Device LC867112 Datasheet HTML 8Page - Sanyo Semicon Device LC867112 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LC86P7148
No.6692-5/21
Pin Assignment
Package Dimension
(unit : mm)
3174
SANYO : QIP-80E
Notes •The QFP packages should be heat-soaked for 12 hours at 125
°C immediately prior to mounting (This baking is called
pre-baking).
•After pre-baking a controlled environment must be maintained until soldering.
The environment must be held at a
temperature of 30
°C or less and a humidity level of 70% or less. Please solder within 24 hours.
COM1/PL1
COM2/PL2
COM3/PL3
VSS2
VDD2
P00
P01
P02
P03
P04
P05
P06
P07
P10/SO0
P11/SI0/SB0
P12/SCK0
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
S11/PB3
S10/PB2
S9/PB1
S8/PB0
S7/PA7
S6/PA6
S5/PA5
S4/PA4
S3/PA3
S2/PA2
S1/PA1
S0/PA0
P73/INT3/T0IN
P72/INT2/T0IN
P71/INT1
P93/DA3/AN11


Número de pieza similar - LC867112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC867112 SANYO-LC867112 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results

Descripción similar - LC867112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com