Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC8766B2A Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC8766B2A
Descripción Electrónicos  8-Bit Single Chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8766B2A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC8766B2A Datasheet HTML 7Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 8Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 9Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 10Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 11Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 12Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 13Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 14Page - Sanyo Semicon Device LC8766B2A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LC8766C8A/B2A/96A
No.6718-11/23
2. Recommended Operating Range at Ta=-30
°C to +70°C, VSS1=VSS2=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Operating
supply voltage
range
VDD(1)
VDD1=VDD2=VDD3
=VDD4
0.294
µs ≤ Tcyc
≤ 200µs
4.5
6.0
Hold voltage
VHD
VDD1
RAM and the
register data are
kept in HOLD
mode.
2.0
6.0
Pull-down
voltage
VP
VP
4.5–6.0
-35
VDD
VIH(1)
•Port 0,3: CMOS output
option
•Port 8
Output disable
4.5–6.0
0.3VDD
+0.7
VDD
VIH(2)
Port 0,3: N-ch open drain
output
Output disable
4.5–6.0
0.3VDD
+0.7
13.5
VIH(3)
•Port 1
•Port71,72,73
•P70 port input/interrupt
Output disable
4.5–6.0
0.3VDD
+0.7
VDD
VIH(4)
S16 to S51
Output P-channel
Tr. OFF
4.5–6.0
0.3VDD
+1.0
VDD
VIH(5)
P70 Weak signal input
Output disable
4.5–6.0 0.75VDD
VDD
VIH(6)
Port 70
Watchdog timer
Output disable
4.5–6.0
0.9VDD
VDD
Input high
voltage
VIH(7)
XT1, XT2, CF1, RES
4.5–6.0 0.75VDD
VDD
VIL(1)
•Port 0,3: CMOS output
option
•Port 8
Output disable
4.5–6.0
VSS
0.15VDD
+0.4
VIL(2)
Port 0,3: N-ch open drain
output
Output disable
4.5–6.0
VSS
0.15VDD
+0.4
VIL(3)
•Port 1
•Port 71,72,73
•P70 port input/interrupt
Output disable
4.5–6.0
VSS
0.1VDD
+0.4
VIL(4)
S16 to S51
Output P-channel
Tr. OFF
4.5–6.0
-35
0.2VDD
VIL(5)
Port 87 weak signal input Output disabled
4.5–6.0
VSS
0.25VDD
VIL(6)
Port 70
Watchdog timer
Output disabled
4.5–6.0
VSS
0.8VDD
-1.0
Input low
voltage
VIL(7)
XT1,XT2,CF1, RES
4.5–6.0
VSS
0.25VDD
V
Operation
cycle time
tCYC
4.5–6.0
0.294
200
µs
•CF2 open circuit
•system clock
divider set to 1/1
•external clock
DUTY = 50±50%
4.5–6.0
0.1
10
MHz
External system
clock
frequency
fEXCF(1)
CF1
•CF2 open circuit
•system clock
divider set to 1/2
4.5–6.0
0.2
20
Continued


Número de pieza similar - LC8766B2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC876662B SANYO-LC876662B Datasheet
655Kb / 23P
   8-Bit Single-Chip Microcontroller
LC876678B SANYO-LC876678B Datasheet
655Kb / 23P
   8-Bit Single-Chip Microcontroller
LC876694B SANYO-LC876694B Datasheet
655Kb / 23P
   8-Bit Single-Chip Microcontroller
More results

Descripción similar - LC8766B2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com