Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC876696A Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LC876696A
Descripción Electrónicos  8-Bit Single Chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876696A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC876696A Datasheet HTML 1Page - Sanyo Semicon Device LC876696A Datasheet HTML 2Page - Sanyo Semicon Device LC876696A Datasheet HTML 3Page - Sanyo Semicon Device LC876696A Datasheet HTML 4Page - Sanyo Semicon Device LC876696A Datasheet HTML 5Page - Sanyo Semicon Device LC876696A Datasheet HTML 6Page - Sanyo Semicon Device LC876696A Datasheet HTML 7Page - Sanyo Semicon Device LC876696A Datasheet HTML 8Page - Sanyo Semicon Device LC876696A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LC8766C8A/B2A/96A
No.6718-4/23
(19) Standby function
- HALT mode
HALT mode is used to reduce power consumption.
Program execution is stopped. Peripheral circuits still
operate but VFD display and some serial transfer operations stop.
1) Oscillation circuits are not stopped automatically.
2) Release occurs on system reset or by interrupt.
-HOLD mode
HOLD mode is used to reduce power consumption.
Both program execution and peripheral circuits are
stopped.
1)CF, RCand crystal oscillation circuits stop automatically.
2) Release occurs on any of the following conditions.
(1) input to the reset pin goes low
(2) a specified level is input at least one of INT0, INT1, INT2
(3) an interrupt condition arises at port 0
-X’tal HOLD made
X’tal HOLD mode is used to reduce power consumption.
Program execution is stopped.
All peripheral circuits except the base timer are stopped.
1) CF and RC oscillation circuits stop automatically.
2) Crystal oscillator is maintained in its state at HOLD mode inception.
3) Release occurs on any an any of the following conditions
(1) input to the reset pin goes low
(2) a specified level is input to at least one of INT0, INT1, INT2
(3) an interrupt condition arises at port 0
(4) an interrupt condition arises at the base-timer
(20) Factory shipment
-delivery form QIP100E
(21) Development tools
- Evaluation chip: LC876095
- Emulator: EVA62S + ECB876600 (Evaluation chip board) + SUB876500 + POD100QFP
- Flash ROM version: LC87F66C8A


Número de pieza similar - LC876696A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC876694B SANYO-LC876694B Datasheet
655Kb / 23P
   8-Bit Single-Chip Microcontroller
More results

Descripción similar - LC876696A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com