Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC895127 Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LC895127
Descripción Electrónicos  40 x CD-ROM Decoder with SCSI Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895127 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC895127 Datasheet HTML 1Page - Sanyo Semicon Device LC895127 Datasheet HTML 2Page - Sanyo Semicon Device LC895127 Datasheet HTML 3Page - Sanyo Semicon Device LC895127 Datasheet HTML 4Page - Sanyo Semicon Device LC895127 Datasheet HTML 5Page - Sanyo Semicon Device LC895127 Datasheet HTML 6Page - Sanyo Semicon Device LC895127 Datasheet HTML 7Page - Sanyo Semicon Device LC895127 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
No. 6236-2/8
LC895127, 895127K
Applicable pin sets are as follows.
INPUT
(1)
TEST0 to TEST4, CSCTRL, SUA0 to SUA6, C2P0, SDATA, BCK, LRCK, SCOR, WFCK, SBS0, MCK2SEL
(2)
RESET
(3)
CS, RD, WR
(4)
SCSISEL, XTALSEL
OUTPUT
(5)
INT0, INT1, SWAIT
(6)
MCK
(7)
EXCK, DSDATA, DLRCK, DBCK, RAS0, CAS0, CAS1, OE, UWE, LWE, RA0 to RA8
INOUT
(8)
ACK, ATN
(9)
D0 to D7, IO0 to IO15, IOP0 to IOP7
(10) DB0 to DB7, DBP, BSY, I/O, MSG, SEL, RST, REQ, C/D
(11) IOP0 to IOP7
Note: Pins XTAL0, XTALCK0, XTAL1, XTALCK1, and X1EN are not included in DC characteristics.
Parameter
Symbol
Conditions
Applicable pins
Ratings
Unit
min
typ
max
Input high-level voltage
VIH1
TTL levels
(1)
2.2
V
Input low-level voltage
VIL1
0.8
V
Input high-level voltage
VIH2
TTL levels
(9)
2.2
V
Input low-level voltage
VIL2
with pull-up resistor
0.8
V
Input high-level voltage
VIH3
TTL levels
(2)
2.2
V
Input low-level voltage
VIL3
Schmitt
0.8
V
Input high-level voltage
VIH4
CMOS levels
(3)
0.8 VDD
——
V
Input low-level voltage
VIL4
Schmitt
0.2 VDD
V
Input high-level voltage
VIH5
(4), (8), (10)
2.0
V
Input low-level voltage
VIL5
0.8
V
Input high-level voltage
VIH2
TTL levels
(11)
2.2
V
Input low-level voltage
VIL2
with pull-up resistor
0.8
V
Output high-level voltage
VOH1
IOH1 = –12 mA
(6)
VDD – 2.1
V
Output low-level voltage
VOL1
IOL1 = 12 mA
0.4
V
Output high-level voltage
VOH2
IOH2 = –8 mA
(7)
2.4
V
Output low-level voltage
VOL2
IOL2 = 8 mA
0.4
V
Output high-level voltage
VOH2
IOH2 = –2 mA
(9), (5), (11)
2.4
V
Output low-level voltage
VOL2
IOL2 = 2 mA
0.4
V
Output low-level voltage
VOL4
IOL4 = 48 mA
(10)
0.4
V
Input leakage current
IIL
VI = VSS, VDD
All input pins
–25
+25
µA
Pull-up resistance
RUP
(5), (9), (11)
60
120
240
k
DC Characteristics at Ta = –30 to +70°C, VSS = 0 V, VDD = 4.5 to 5.5 V


Número de pieza similar - LC895127

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
More results

Descripción similar - LC895127

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com