Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC895198 Datasheet(PDF) 7 Page - Sanyo Semicon Device

No. de pieza LC895198
Descripción Electrónicos  CD-ROM Decoder for 32 x ATAPI (IDE) Drives
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895198 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC895198 Datasheet HTML 2Page - Sanyo Semicon Device LC895198 Datasheet HTML 3Page - Sanyo Semicon Device LC895198 Datasheet HTML 4Page - Sanyo Semicon Device LC895198 Datasheet HTML 5Page - Sanyo Semicon Device LC895198 Datasheet HTML 6Page - Sanyo Semicon Device LC895198 Datasheet HTML 7Page - Sanyo Semicon Device LC895198 Datasheet HTML 8Page - Sanyo Semicon Device LC895198 Datasheet HTML 9Page - Sanyo Semicon Device LC895198 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
No. 6237-7/10
LC895198
Continued from preceding page.
Pin No.
Pin
Type
Function
101
DD6
B
102
DD8
B
ATAPI data bus
103
DD7
B
104
VDD1
P
3.3 V
105
VDD1
P
3.3 V
106
VDD0
P
5.0 V
107
VDD1
P
3.3 V
108
ZRESET
I
IC reset input
109
VDD1
P
3.3 V
110
VSS0
P
111
TEST1
I
Test pin. This pin must be connected to VSS in normal operation.
112
VSS0
P
113
ATPINSEL
I
ATAPI pin layout selection. This pin must be connected to VSS0.
114
VSS0
P
115
TEST0
I
Test pin. This pin must be connected to VSS in normal operation.
116
VDD0
I
5.0 V
117
AUDIOCK
I
Clock input for the CAV audio block
118
VDD0
P
5.0 V
119
VDD0
P
5.0 V
120
VSS0
P
• Unused ("NC") pins must be left open.
• Pins whose name begin with a Z operate with inverted (negative) logic.
• VSS0 is the logic system ground and VSS1 is the IDE interface driver ground.
• Applications must supply 5.0 V to VDD0 and 3.3 V to VDD1.


Número de pieza similar - LC895198

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
More results

Descripción similar - LC895198

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sanyo Semicon Device
LC895299W SANYO-LC895299W Datasheet
73Kb / 12P
   48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
logo
Samsung semiconductor
S5L9274 SAMSUNG-S5L9274 Datasheet
241Kb / 36P
   DECODER FOR CD-MP3/CD-ROM
logo
Sanyo Semicon Device
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com