Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC89978M Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LC89978M
Descripción Electrónicos  CCD Delay Line for Multi-System
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89978M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC89978M Datasheet HTML 1Page - Sanyo Semicon Device LC89978M Datasheet HTML 2Page - Sanyo Semicon Device LC89978M Datasheet HTML 3Page - Sanyo Semicon Device LC89978M Datasheet HTML 4Page - Sanyo Semicon Device LC89978M Datasheet HTML 5Page - Sanyo Semicon Device LC89978M Datasheet HTML 6Page - Sanyo Semicon Device LC89978M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
No. 5546-2/7
LC89978M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
4.75
5.00
5.25
V
Clock input amplitude
VCLK
300
500
1000
mVp-p
Clock frequency
FCLK
Sine wave
3.579545
MHz
Chrominance signal input amplitude
VIN-C
350
500
mVp-p
Luminance signal input amplitude
VIN-Y
400
572
mVp-p
Allowable Operating Ranges at Ta = 25°C
Pin Assignment
Block Diagram


Número de pieza similar - LC89978M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC89970M SANYO-LC89970M Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC89971 SANYO-LC89971 Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
LC89971M SANYO-LC89971M Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
LC89972 SANYO-LC89972 Datasheet
149Kb / 8P
   PAL CCD Delay Line???
More results

Descripción similar - LC89978M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL1510M SONY-CXL1510M Datasheet
127Kb / 14P
   CCD Delay Line for Multi System
logo
Sanyo Semicon Device
LC89971 SANYO-LC89971 Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
logo
Sony Corporation
CXL1511M SONY-CXL1511M Datasheet
125Kb / 14P
   CCD Delay Line for PAL
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
logo
Sanyo Semicon Device
LC89977M SANYO-LC89977M Datasheet
83Kb / 7P
   CCD Delay Line for PAL
LC89973M SANYO-LC89973M Datasheet
150Kb / 8P
   PAL CCD Delay Line???
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC89972M SANYO-LC89972M Datasheet
149Kb / 8P
   PAL CCD Delay Line???
logo
Sony Corporation
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5508M SONY-CXL5508M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com