Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC99063-LF2 Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LC99063-LF2
Descripción Electrónicos  CCD Digital Signal Processing IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC99063-LF2 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC99063-LF2 Datasheet HTML 1Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 2Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 3Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 4Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 5Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 6Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 7Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
No. 5787-5/8
LC99063-LF2
Pin No.
Symbol
I/O
Function
56
OMODE1
I
57
OMODE2
I
Output mode select
58
OMODE3
I
59
OMODE4
I
60
HREF53
I
Horizontal reference (from LC99053)
61
CLK14M
I
FSC4 (LC99053 pin 58), VD (LC99053 pin 56), HD (LC99053 pin 55)
62
VDI
I
or HTCLK (LC99053 pin 51), fixed at high level, C.SYNC (LC99053 pin 54)
63
HDI
I
64
CLK14M
I
HTCLK (LC99053 pin 51)
65
VDD (logic)
P
66
VSS (logic)
P
67
DIN1
I
8 bit data input (from LC99053) [LSB]
68
DIN2
I
8 bit data input
69
DIN3
I
8 bit data input
70
DIN4
I
8 bit data input
71
DIN5
I
8 bit data input
72
DIN6
I
8 bit data input
73
DIN7
I
8 bit data input
74
DIN8
I
8 bit data input (from LC99053) [MSB]
75
DIN9
I
8 bit Y input [LSB]
76
DIN10
I
8 bit Yinput
77
DIN11
I
8 bit Y input
78
DIN12
I
8 bit Y input
79
DIN13
I
8 bit Y input
80
DIN14
I
8 bit Y input
81
DIN15
I
8 bit Y input
82
DIN16
I
8 bit Y input [MSB]
83
DIN17
I
8 bit U or UV input [LSB]
84
DIN18
I
8 bit U or UV input
85
DIN19
I
8 bit U or UV input
86
DIN20
I
8 bit U or UV input
87
DIN21
I
8 bit U or UV input
88
DIN22
I
8 bit U or UV input
89
VDD (logic)
P
90
VSS (logic)
P
91
DIN23
I
8 bit U or UV input
92
DIN24
I
8 bit U or UV input [MSB]
93
DIN25
I
8 bit V input [LSB]
94
DIN26
I
8 bit V input
95
DIN27
I
8 bit V input
96
DIN28
I
8 bit V input
97
DIN29
I
8 bit V input
98
DIN30
I
8 bit V input
99
DIN31
I
8 bit V input
100
DIN32
I
8 bit V input [MSB]
Continued from preceding page.


Número de pieza similar - LC99063-LF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC99062-W50 SANYO-LC99062-W50 Datasheet
184Kb / 7P
   Image Sensor Signal Processing LSI?
More results

Descripción similar - LC99063-LF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
HD49801FB ETC1-HD49801FB Datasheet
185Kb / 43P
   Digital Signal Processing IC for CCD Cameras
logo
Hamamatsu Corporation
C9266-03 HAMAMATSU-C9266-03 Datasheet
497Kb / 5P
   CCD signal processing module
logo
Sanyo Semicon Device
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
   Digital Surround Audio Signal-Processing IC
logo
Sharp Corporation
IR3Y48A1 SHARP-IR3Y48A1 Datasheet
195Kb / 34P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
IR3Y38M SHARP-IR3Y38M Datasheet
152Kb / 21P
   CCD Signal Process & Digital Interface IC
logo
Agamem Microelectronic ...
AA88048 AGAMEM-AA88048 Datasheet
50Kb / 1P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
logo
Sharp Corporation
IR3Y48M SHARP-IR3Y48M Datasheet
176Kb / 31P
   CCD Signal Process & Digital Interface IC
logo
Sanyo Semicon Device
LA7265W SANYO-LA7265W Datasheet
569Kb / 23P
   Single-Chip Black and White CCD Camera signal Processing IC
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
logo
NXP Semiconductors
PCF5083 PHILIPS-PCF5083 Datasheet
602Kb / 136P
   GSM signal processing IC
1996 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com