Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK12C68-SF45I Datasheet(PDF) 10 Page - Cypress Semiconductor

No. de pieza STK12C68-SF45I
Descripción Electrónicos  64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-SF45I Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button STK12C68-SF45I Datasheet HTML 6Page - Cypress Semiconductor STK12C68-SF45I Datasheet HTML 7Page - Cypress Semiconductor STK12C68-SF45I Datasheet HTML 8Page - Cypress Semiconductor STK12C68-SF45I Datasheet HTML 9Page - Cypress Semiconductor STK12C68-SF45I Datasheet HTML 10Page - Cypress Semiconductor STK12C68-SF45I Datasheet HTML 11Page - Cypress Semiconductor STK12C68-SF45I Datasheet HTML 12Page - Cypress Semiconductor STK12C68-SF45I Datasheet HTML 13Page - Cypress Semiconductor STK12C68-SF45I Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
STK12C68
Document Number: 001-51027 Rev. *C
Page 10 of 24
AC Switching Characteristics
SRAM Read Cycle
Parameter
Description
25 ns
35 ns
45 ns
Unit
Min
Max
Min
Max
Min
Max
Cypress
Parameter
Alt
tACE
tELQV
Chip Enable Access Time
25
35
45
ns
tRC [7]
tAVAV, tELEH
Read Cycle Time
25
35
45
ns
tAA [8]
tAVQV
Address Access Time
25
35
45
ns
tDOE
tGLQV
Output Enable to Data Valid
10
15
20
ns
tOHA [8]
tAXQX
Output Hold After Address Change
5
5
5
ns
tLZCE [9]
tELQX
Chip Enable to Output Active
5
5
5
ns
tHZCE [9]
tEHQZ
Chip Disable to Output Inactive
10
10
12
ns
tLZOE [9]
tGLQX
Output Enable to Output Active
0
0
0
ns
tHZOE [9]
tGHQZ
Output Disable to Output Inactive
10
10
12
ns
tPU [6]
tELICCH
Chip Enable to Power Active
0
0
0
ns
tPD [6]
tEHICCL
Chip Disable to Power Standby
25
35
45
ns
Switching Waveforms
Figure 7. SRAM Read Cycle 1: Address Controlled [7, 8]
Figure 8. SRAM Read Cycle 2: CE and OE Controlled [7]
[+] Feedback


Número de pieza similar - STK12C68-SF45I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK12C68-SF45I ETC-STK12C68-SF45I Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK12C68-SF45I SIMTEK-STK12C68-SF45I Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK12C68-SF45ITR SIMTEK-STK12C68-SF45ITR Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
More results

Descripción similar - STK12C68-SF45I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14V104LA CYPRESS-CY14V104LA Datasheet
910Kb / 22P
   4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14B104K_1106 CYPRESS-CY14B104K_1106 Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com