Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC9998G Datasheet(PDF) 9 Page - Sanyo Semicon Device

No. de pieza LC9998G
Descripción Electrónicos  1/5 Optical Size PAL Color Solid-State Image Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC9998G Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC9998G Datasheet HTML 3Page - Sanyo Semicon Device LC9998G Datasheet HTML 4Page - Sanyo Semicon Device LC9998G Datasheet HTML 5Page - Sanyo Semicon Device LC9998G Datasheet HTML 6Page - Sanyo Semicon Device LC9998G Datasheet HTML 7Page - Sanyo Semicon Device LC9998G Datasheet HTML 8Page - Sanyo Semicon Device LC9998G Datasheet HTML 9Page - Sanyo Semicon Device LC9998G Datasheet HTML 10Page - Sanyo Semicon Device LC9998G Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CCD Color Camera Block Diagram
Figure 8
Block Descriptions
No.5219-9/11
LC9998G
Block
Product no.
Specifications and functions
Vertical driver
LC89901V
• Vertical CMOS driver
• Maximum frame transfer frequency: 3.55 MHz
• CMOS standard cell
• Built-in SSG (NTSC/PAL)
• Electronic iris circuit that supports even long exposure times
Image sensor core LSI
LC99052-V64A
• Supports external image sensor drive control
• CDS and AGC early-stage signal-processing circuits
• Video bandwidth 8-bit A/D and D/A converters
• Supports mirror output
• Can also operate stand-alone
• Three channel 8-bit video signal inputs
• Three channel 8-bit video signal outputs
• Also functions as an RGB input encoder (NTSC/PAL)
Digital signal-
LC99062-W50
• Operates on HD, VD, and CLK inputs
processing LSI
• Simplified chrominance keying
• Superimpose
• Supports parameter setting in stand-alone mode


Número de pieza similar - LC9998G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC9997 SANYO-LC9997 Datasheet
187Kb / 9P
   1/5 Inch Optical Size NTSC Color Solid-State Image Device?
LC9997 SANYO-LC9997 Datasheet
187Kb / 11P
   1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
   1/5 Inch Optical Size NTSC Color Solid-State Image Device?
LC9997M SANYO-LC9997M Datasheet
187Kb / 11P
   1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
More results

Descripción similar - LC9998G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
   1/5 Inch Optical Size NTSC Color Solid-State Image Device?
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
   1/5 Optical Size CCIR B/W Solid-State Image Sensor
LC9949G SANYO-LC9949G Datasheet
117Kb / 10P
   1/6 Optical Size EIA B/W Solid-State Image Sensor
logo
Sony Corporation
ICX077AK SONY-ICX077AK Datasheet
259Kb / 19P
   Diagonal 3.6mm (Type 1/5) CCD Image Sensor for PAL Color Video Cameras
ICX027CKA SONY-ICX027CKA Datasheet
326Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA
ICX055AK SONY-ICX055AK Datasheet
361Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX059AK SONY-ICX059AK Datasheet
354Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
logo
Broadcom Corporation.
ADNK-5000 BOARDCOM-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Motorola, Inc
MCM20027 MOTOROLA-MCM20027 Datasheet
936Kb / 73P
   Color SXGA Digital Image Sensor 1280 x 1024 pixel progressive scan solid state image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com