Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA5405 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCA5405
Descripción Electrónicos  Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCA5405 Datasheet(HTML) 1 Page - Texas Instruments

  TCA5405 Datasheet HTML 1Page - Texas Instruments TCA5405 Datasheet HTML 2Page - Texas Instruments TCA5405 Datasheet HTML 3Page - Texas Instruments TCA5405 Datasheet HTML 4Page - Texas Instruments TCA5405 Datasheet HTML 5Page - Texas Instruments TCA5405 Datasheet HTML 6Page - Texas Instruments TCA5405 Datasheet HTML 7Page - Texas Instruments TCA5405 Datasheet HTML 8Page - Texas Instruments TCA5405 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2
3
4
5
6
7
8
1
TCA5405
www.ti.com
SCPS228
– MARCH 2011
Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
Check for Samples: TCA5405
1
FEATURES
RUG PACKAGE
Operating Power-Supply Voltage Range of 1.65
(TOP VIEW)
V to 3.6 V
Five Independent Push-Pull Outputs
Single Input (DIN) Controls State of All
Outputs
High-Current Drive Outputs Maximum
Capability for Directly Driving LEDs
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
PIN #
NAME
COMMENTS
– 1000-V Charged-Device Model (C101)
1
VCC
Supply Voltage
2
DIN
Data Input
APPLICATIONS
3
GND
Ground
Cell Phones
4
Q0
GPO
PDAs
5
Q1
GPO
6
Q2
GPO
Portable Media Players
7
Q3
GPO
MP3 Players
8
Q4
GPO
Portable Instrumentation
DESCRIPTION
The TCA5405 is a 5-bit output expander controlled using a single wire input. This device is ideal for portable
applications as it has a wide VCC range of 1.65V to 3.6 V. The TCA5405 uses a self-timed serial data protocol
with a single data input driven by a master device synchronized to an internal clock of that device. During a
Setup phase, the bit period is sampled, then the TCA5405 generates its own internal clock synchronized to that
of the Master device to sample the input over a five-bit-period Data Transfer phase and writes the bit states on
the parallel outputs after the last bit is sampled. The TCA5405 is available in an 8-pin 1.5mm x 1.5mm RUG
uQFN package.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
uQFN
– RUG
Tape and Reel
TCA5405RUGR
6Y
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TCA5405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA5405 TI-TCA5405 Datasheet
512Kb / 13P
[Old version datasheet]   Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
TCA5405RUG TI1-TCA5405RUG Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
TCA5405RUG TI1-TCA5405RUG Datasheet
335Kb / 15P
[Old version datasheet]   Works with low cost MSP430 based LaunchPad platform
TCA5405RUGR TI-TCA5405RUGR Datasheet
512Kb / 13P
[Old version datasheet]   Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
More results

Descripción similar - TCA5405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA5405 TI-TCA5405 Datasheet
512Kb / 13P
[Old version datasheet]   Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
logo
Integrated Silicon Solu...
IS61LPS51236B ISSI-IS61LPS51236B Datasheet
1Mb / 33P
   Internal self-timed write cycle
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16_14 Datasheet
179Kb / 12P
   Self-Timed Byte Write Cycle
logo
Micross Components
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
   Internally self-timed WRITE cycle
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
   Interally self-timed WRITE cycle
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
National Instruments Co...
NI670X NI-NI670X Datasheet
349Kb / 4P
   Software-Timed Analog Output-16-Bit, 16 or 32 Channels
logo
Princeton Technology Co...
PT6999 PTC-PT6999 Datasheet
44Kb / 3P
   Output Expander
logo
Kinetic Technologies.
KTS1620 KINETIC-KTS1620 Datasheet
1Mb / 30P
   Low Voltage 24-Bit I2C-bus I/O Expander
September 2018 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com