Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD-E284RD Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

No. de pieza BD-E284RD
Descripción Electrónicos  0.28"(7.0mm) DUAL DIGIT DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Página de inicio  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-E284RD Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BD-E284RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-E284RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-E284RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Número de pieza similar - BD-E284RD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BRIGHT LED ELECTRONICS ...
BD-E282RD BRIGHT-BD-E282RD Datasheet
210Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-E283RD BRIGHT-BD-E283RD Datasheet
182Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-E285RD BRIGHT-BD-E285RD Datasheet
238Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E285RE BRIGHT-BD-E285RE Datasheet
183Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E286RD BRIGHT-BD-E286RD Datasheet
196Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com