Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD-E284RD Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

No. de pieza BD-E284RD
Descripción Electrónicos  0.28"(7.0mm) DUAL DIGIT DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Página de inicio  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-E284RD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BD-E284RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-E284RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-E284RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

  

 
 
 

 
  !
 ""#
$    %
 &'  & ( )
(*  
 (+', -'+. '/
0
12' 
12' 13
2
   #%
$    %
(!
1(4545
 ( -'6 '
0
12' 
12' 13
7 %
(!
1(4545
 (', -'+.-"'/
0
12' 
2
 ""#"
$    %
12' ("
 (+', -'+. '/
0
8

& 
2
$  % & (#
 (+', -'+. '/
0
 32    
 
 ""#
$    )-
# 9  9 " 9 
#  # 
 (3
0
' ':
   
 
 ""#
" 9 #
 
 (3
0
 
    )
  #
$    )
;( !
& (;
0
87

<3
    "
   !
 ""# #
$    )
;( #
& (;
0
$*=8>  8) ? ?)*8 ? 18 8)% @
2 
3<
2 
$2   
?& 72
A?
?()
7 *B;
7 

A(A
7 *B
 3
A
?()
%& B;
> ;*  '     ';    7;
; ' < : <& '   '   '7 < 
  <     ' ;


Número de pieza similar - BD-E284RD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BRIGHT LED ELECTRONICS ...
BD-E282RD BRIGHT-BD-E282RD Datasheet
210Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-E283RD BRIGHT-BD-E283RD Datasheet
182Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-E285RD BRIGHT-BD-E285RD Datasheet
238Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E285RE BRIGHT-BD-E285RE Datasheet
183Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E286RD BRIGHT-BD-E286RD Datasheet
196Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com