Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2SD1803-X-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
2SD1803-X-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
1 / 5 page UNISONIC TECHNOLOGIES CO., LTD 2SD1803 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 5 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R209-014,E HIGH CURRENT SWITCHING APPLICATION DESCRIPTION The UTC 2SD1803 applies to relay drivers, high-speed inverters, converters, and other general high-current switching applications. FEATURES *Low Collector-To-Emitter Saturation Voltage. *High Current And High fT. *Excellent Linearity Of hFE. *Fast Switching Time. ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Halogen Free Package 1 2 3 Packing 2SD1803-x-TM3-T 2SD1803L-x-TM3-T 2SD1803G-x-TM3-T TO-251 B C E Tube 2SD1803-x-TN3-R 2SD1803L-x-TN3-R 2SD1803G-x-TN3-R TO-252 B C E Tape Reel 2SD1803-x-TN3-T 2SD1803L-x-TN3-T 2SD1803G-x-TN3-T TO-252 B C E Tube |
Número de pieza similar - 2SD1803-X-TN3-R |
|
Descripción similar - 2SD1803-X-TN3-R |