Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB10-09 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza SB10-09
Descripción Electrónicos  90V, 1A Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB10-09 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB10-09 Datasheet HTML 1Page - Sanyo Semicon Device SB10-09 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
43098HA (KT)/42894YH (KOTO) 8-7191 No.4175-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Schottky Barrier Diode
90V, 1A Rectifier
Ordering number:EN4175A
SB10-09P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
9V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
5
9V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
1A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
5A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
˚C
˚C
Package Dimensions
unit:mm
1244A
[SB10-09P]
Marking:SJ
trr Test Circuit
1:Anode
2:Cathode
3:No Contact
SANYO:PCP
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage (VF max=0.7V).
· Fast reverse recovery time (trr max=20ns).
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planar structure.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
s
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
m
1
=0
9V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF A
1
=
7
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
4
=
0
0
2A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
1
=0
7F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF I
= R
t
i
u
c
r
i
C
t
s
e
T
d
e
i
a
f
i
c
e
p
s
e
e
S
,
A
m
0
0
1
=
0
2s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
a
-
j
h
t
R)
1
(
0
8
2
a
-
j
h
t
R)
2
(
0
0
1
˚C/W
˚C/W
Mounted on 250mm2
×0.8mm ceramic board


Número de pieza similar - SB10-09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
SB10-09 SANYO-SB10-09 Datasheet
81Kb / 3P
   50V, 1A Rectifier
SB10-09F SANYO-SB10-09F Datasheet
81Kb / 3P
   50V, 1A Rectifier
SB10-09T SANYO-SB10-09T Datasheet
81Kb / 3P
   90V, 1A Rectifier
More results

Descripción similar - SB10-09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
SB10-09T SANYO-SB10-09T Datasheet
81Kb / 3P
   90V, 1A Rectifier
logo
Cystech Electonics Corp...
QDL3 CYSTEKEC-QDL3 Datasheet
250Kb / 6P
   1A /90V Snubber Damping Rectifier
QD CYSTEKEC-QD Datasheet
328Kb / 7P
   1A / 90V Snubber Damping Rectifier
logo
Sanyo Semicon Device
SB02-09C SANYO-SB02-09C Datasheet
70Kb / 3P
   90V, 200mA Rectifier
SB005-09CP SANYO-SB005-09CP Datasheet
55Kb / 2P
   90V, 50mA Rectifier
SB05-09 SANYO-SB05-09 Datasheet
58Kb / 2P
   90V, 500mA Rectifier
SB100-09J SANYO-SB100-09J Datasheet
81Kb / 3P
   90V, 10A Rectifier
SB160-09R SANYO-SB160-09R Datasheet
80Kb / 3P
   90V, 16A Rectifier
SBA50-09Y SANYO-SBA50-09Y Datasheet
81Kb / 3P
   90V, 5A Rectifier
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com