Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC556 Datasheet(PDF) 2 Page - Unisonic Technologies

No. de pieza BC556
Descripción Electrónicos  SWITCHING AND AMPLIFIER APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC556 Datasheet(HTML) 2 Page - Unisonic Technologies

  BC556_10 Datasheet HTML 1Page - Unisonic Technologies BC556_10 Datasheet HTML 2Page - Unisonic Technologies BC556_10 Datasheet HTML 3Page - Unisonic Technologies BC556_10 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC556/557/558
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-051.C
ABSOLUTE MAXIMUM RATING (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
BC556
-80
V
BC557
-50
V
Collector-Base Voltage
BC558
VCBO
-30
V
BC556
-65
V
BC557
-45
V
Collector-Emitter Voltage
BC558
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-100
mA
Power Collector Dissipation
625
mW
Linear Derating Factor above (Ta=25°C)
PC
5
mW/°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
200
°C/W
Junction to Case
θJc
83.3
°C/W
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
BC556
-65
V
BC557
-45
V
Collector-Emitter Breakdown Voltage
BC558
BVCEO IC=-10mA, IB=0
-30
V
BC556
-80
V
BC557
-50
V
Collector-Base Breakdown Voltage
BC558
BVCBO IC=-100μA
-30
V
Emitter-Base Breakdown Voltage
BVEBO IE=-10μA, IC=0
-5.0
V
Collector Cut-Off Current
ICBO
IE = 0, VCB =-30 V
-15
nA
DC Current Gain
hFE
VCE =-5V, IC=2mA
110
800
IC =-10mA, IB=-0.5mA
-90
-300
mV
Collector-Emitter Saturation Voltage
VCE(SAT)
IC =-100mA, IB=-5mA
-250 -650
mV
IC =-10mA, IB =-0.5mA
-700
mV
Base-Emitter Saturation Voltage
VBE(SAT)
IC =-100mA, IB=-5mA
-900
mV
VCE =-5 V,IC=-2mA
-600 -660 -750
mV
Base-Emitter Turn-On Voltage
VBE(ON)
VCE =-5 V,IC=-10mA
-800
mV
Current Gain Bandwidth Product
fT
VCE=-5V, IC=-10mA, f =10MHz
150
MHz
Output Capacitance
COB
VCB=-10V, IE=0, f=1MHz
6
pF
Noise Figure
NF
VCE=-5V, IC=-200μA
f=1KHz, RG=2KΩ
2
10
dB
CLASSIFICATION OF hFE
RANK
A
B
C
hFE
110 - 220
200 - 450
420 - 800


Número de pieza similar - BC556_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
BC556 MCC-BC556_11 Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
logo
SeCoS Halbleitertechnol...
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
   Elektronische Bauelemente
logo
Diotec Semiconductor
BC556 DIOTEC-BC556_17 Datasheet
147Kb / 2P
   General Purpose PNP Transistors
BC556 DIOTEC-BC556_18 Datasheet
148Kb / 2P
   General Purpose PNP Transistors
More results

Descripción similar - BC556_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
   Switching and Amplifier Applications
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com