Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC846 Datasheet(PDF) 4 Page - Unisonic Technologies

No. de pieza BC846
Descripción Electrónicos  SWITCHING AND AMPLIFIER APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC846 Datasheet(HTML) 4 Page - Unisonic Technologies

  BC846 Datasheet HTML 1Page - Unisonic Technologies BC846 Datasheet HTML 2Page - Unisonic Technologies BC846 Datasheet HTML 3Page - Unisonic Technologies BC846 Datasheet HTML 4Page - Unisonic Technologies BC846 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BC846-BC850
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R206-027,F
TYPICAL CHARACTERISTICS
1100
10
1000
10
100
1000
10000
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Collector Current, IC(mA)
VCE(sat)
VBE(SAT)
IC=10IB
0.1
0.8
0.4
1.0
0.1
1
10
100
Base-Emitter on Voltage
Base-Emitter Voltage, VBE(V)
0.2
0.6
1.2
VCE=2V


Número de pieza similar - BC846

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC846 PHILIPS-BC846 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rectron Semiconductor
BC846 RECTRON-BC846 Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
logo
NXP Semiconductors
BC846 NXP-BC846 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Diodes Incorporated
BC846 DIODES-BC846 Datasheet
277Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 21 - 2
logo
ON Semiconductor
BC846 ONSEMI-BC846 Datasheet
111Kb / 13P
   General Purpose Transistors
April, 2015 ??Rev. 12
More results

Descripción similar - BC846

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
   Switching and Amplifier Applications
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com