Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6726L-D18-T Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza L6726L-D18-T
Descripción Electrónicos  UNIVERSAL SPEECH CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6726L-D18-T Datasheet(HTML) 3 Page - Unisonic Technologies

  L6726L-D18-T Datasheet HTML 1Page - Unisonic Technologies L6726L-D18-T Datasheet HTML 2Page - Unisonic Technologies L6726L-D18-T Datasheet HTML 3Page - Unisonic Technologies L6726L-D18-T Datasheet HTML 4Page - Unisonic Technologies L6726L-D18-T Datasheet HTML 5Page - Unisonic Technologies L6726L-D18-T Datasheet HTML 6Page - Unisonic Technologies L6726L-D18-T Datasheet HTML 7Page - Unisonic Technologies L6726L-D18-T Datasheet HTML 8Page - Unisonic Technologies L6726L-D18-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
L6726
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 13
www.unisonic.com.tw
QW-R108-015,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Line Voltage, tp =2s
VL
0~22
V
Line Current, Continuous
IL
0~130
mA
Ambient Operating Temperature
TOPR
-40~+70
°C
Storage Temperature
TSTG
-55~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
PARAMETER
FIG.
TEST CONDITIONS
MIN
TYP
MAX UNIT
Line Voltage
1
IL=15mA
IL=100mA
3.3
11
3.7
13
4.1
15
V
Transmitting Gain, Note 1
1
20·10log(V2/V3), 1kHz
RL=0Ω
RL=400Ω
RL=900Ω~2.2kΩ
41
43.5
46
43
45.5
48
45
47.5
50
dB
dB
dB
Transmitting Range Of Regulation
1
1kHz, RL=0 ~ 900 Ω
3
5
7
dB
Transmitting Frequency Response
1
200Hz ~ 3.4kHz
-1
1
dB
Receiving Gain, Note 1
1
20·10log (V4/V1), 1kHz
RL=0Ω
RL=400Ω
RL=900Ω~2.2kΩ
-18.5
-16
-13.5
-16.5
-14
-11.5
-14.5
-12
-9.5
dB
dB
dB
Receiving Range Of Regulation
1
1kHz, RL=0 ~ 900 Ω
3
5
7
dB
Receiving frequency response
1
200Hz ~ 3.4kHz
-1
1
dB
Microphone Input Impedance
Pin12,13
1
1kHz, note 3
1.7(//2.7)
kΩ
Transmitter Input Impedance Pin 3
1
1kHz
17
kΩ
Transmitter Dynamic Output
1
200Hz~3.4kHz
≤2% distortion, IL=20~100mA
1.5
Vp
Transmitter Max Output
1
200 Hz~3.4kHz
IL=0-100mA,V3=0.1V
3
Vp
Receiver Output Impedance
1
1kHz, note 3
3(+310)
Receiver Dynamic Output (Note 2)
1
200Hz~3.4kHz
≤2% distortion, IL=20~100mA
0.5
Vp
Receiver Max Output
2
Measured with line rectifier
200 Hz~3.4kHz, IL=0~100mA, V1=0~50V
0.9
Vp
Transmitter Output Noise
1
Psof-weighting, Rel1 Vrms, RL=0
-75
dBpsof
Receiver Output Noise
1
A-weighting, Rel 1Vrms, with cable
0~5km, φ=0.5mm, 0~3km, φ=0.3mm
-85
dBA
Mute Input Voltage at Mute
(Active Low)
1
0.3
V
DC-Supply Voltage
1
IL=10~100mA, IDC=0mA
IL=10~100mA, IDC=2mA
2.35
2.2
V
DC-Supply Current, Pin8
1
2
mA
Dc-Output Pin8 Input Leakage
Current (No Supply)
3
VDC=2.35V
0.1
µA
DTMF Transmitting Gain
1
VM=0.3V
24.5
26.5
28.5
dB
Notes: 1. Adjustable to both higher and lower values with external components.
2. The dynamic output can be doubled, see applications information.
3. External resistor in the test set up.


Número de pieza similar - L6726L-D18-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
L6726L-D18-T UTC-L6726L-D18-T Datasheet
285Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
More results

Descripción similar - L6726L-D18-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com