Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L6726L-S18-T Datasheet(PDF) 5 Page - Unisonic Technologies |
|
L6726L-S18-T Datasheet(HTML) 5 Page - Unisonic Technologies |
5 / 13 page L6726 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 13 www.unisonic.com.tw QW-R108-015,B FUNCTIONAL DIAGRAM(Cont.) C8 220nF 10 12 13 DC 7 9 8 C7 47μF R5 22k 511 3 2 C3 100nF R6 75 Ω R9 11k R8 R7 910 Ω C4 47nF R11 C5 R13 11k R15 10 Ω 15 14 6 14 4 R1 R2 47μF 910 Ω R3 C2 15nF R14 310Ω R10 * * 1 7 1 8 AR AT AM 1 UTC 6726 +Line -Line DTMF input MIC 350Ω DC supply OUT CMOS device Sense input Control output AD R4 18k 560Ω 3kΩ MUTE 100nF Note : * Not used in test setup Figure 3. Circuit with external components for test setup. 82k REC 350 Ω C1 + + R16 27k |
Número de pieza similar - L6726L-S18-T |
|
Descripción similar - L6726L-S18-T |