Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF2805B Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No. de pieza UF2805B
Descripción Electrónicos  RF Power MOSFET Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

UF2805B Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  UF2805B Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. UF2805B Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. UF2805B Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
RF Power MOSFET Transistor
5W, 100-500 MHz, 28V
Released; RoHS Compliant
20 Jan 11
UF2805B
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
VDS(V)
Typical Broadband Performance Curves
CAPACITANCES VS VOLTAGE
F=1.0MHz
VDS(V)
POWER OUTPUT VS VOLTAGE
PIN=0.4 W IDQ=5.0 mA POUT=500 W
GAIN VS FREQUENCY
VDD =28 V POUT=5.0 W IDQ =50 mA
7
6
5
4
3
2
1
0
8
7
6
5
4
3
2
1
0
15
200
400
FREQUENCY (MHz)
5
15
25
30
20
10
0
10
25
300
500
10
5
100
20
EFFICIENCY VS FREQUENCY
VDD=28V IDQ =50 mA POUT =5.0 W
200
400
FREQUENCY (MHz)
60
55
50
45
300
100
30
CISS
COSS
CRSS
20
30
35
500
POWER OUTPUT VS POWER INPUT
VDD =28 V IDQ =50 mA
0.1
POWER INPUT (W)
300MHz
100MHz
7
6
5
4
3
2
1
0
0.05
0.25
2
0.15
0.025
0.3
500MHz
0.2


Número de pieza similar - UF2805B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
UF2805B MACOM-UF2805B Datasheet
196Kb / 3P
   RF MOSFET Power Transistor, 5W, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF2805B MA-COM-UF2805B Datasheet
210Kb / 3P
   RF Power MOSFET Transistor 5W, 100-500 MHz, 28V
UF2805B-20 MA-COM-UF2805B-20 Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
More results

Descripción similar - UF2805B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
DU28200M MA-COM-DU28200M Datasheet
156Kb / 3P
   RF Power MOSFET Transistor
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
   RF Power MOSFET Transistor
DU2860U MA-COM-DU2860U Datasheet
149Kb / 3P
   RF Power MOSFET Transistor
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor
UF2805B-20 MA-COM-UF2805B-20 Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
UF2840G MA-COM-UF2840G_17 Datasheet
663Kb / 4P
   RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_17 Datasheet
731Kb / 4P
   RF Power MOSFET Transistor
UF2820P MA-COM-UF2820P_17 Datasheet
620Kb / 4P
   RF Power MOSFET Transistor
UF2820R MA-COM-UF2820R_17 Datasheet
643Kb / 4P
   RF Power MOSFET Transistor
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor
DU2860T MA-COM-DU2860T Datasheet
161Kb / 3P
   RF Power MOSFET Transistor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com