Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N139 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 6N139
Descripción Electrónicos  Low Current Input Circuit Ideas
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N139 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  6N139 Datasheet HTML 1Page - Fairchild Semiconductor 6N139 Datasheet HTML 2Page - Fairchild Semiconductor 6N139 Datasheet HTML 3Page - Fairchild Semiconductor 6N139 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Application Note AN-3002
Low Current Input Circuit Ideas
6N138/139 Series
www.fairchildsemi.com
REV. 4.00 4/30/02
Introduction
Advancements in opto-coupling and LED technology have
given us the 6N139. This unique optocoupler, having an
input LED current specification at 500 microamperes, has
opened some interesting design doors. Besides the obvious
and much written about ability to be directly driven by
CMOS circuits, the 6N139 can be considered for signal
detection, transient detection, matrices and non-loading line
receiving. Following are but a few circuit ideas to stimulate
the designer’s interest.
Signal Detection
The detection of noise, spikes or oscillations can easily and
directly be detected by the input of the 6N139 as shown in
the circuit of Figure 1.
Figure 1. 6N139 Input Circuit For Signal Detection
For the detection of undesirable signals on a D.C. power
source use:
C=To inject 500 microamperes into LED
X=Latching or non-latching output circuitry to follow
LED=Input diode of 6N139
The LED is provided with a 50 microampere forward current
to charge the LED capacity to the VF level. In this way, the
LED is not causing conduction in its output circuitry but is
prepared to conduct very quickly. Any noise or oscillation on
the “D.C. power source” is coupled through “C” which
develops a signal across the LED. Even small unwanted sig-
nals can cause a large change in the LED forward current.
Once the LED’s forward current equals or exceeds 500
microamperes, the output circuitry will conduct indicating
the presence of the unwanted signal.
Transient Detection
The detection of the presence or absence of waveforms can
easily be detected by the circuit in Figure 2.
Figure 2. Pulse or Waveform Detection Circuit
For the detection of the presence of a desired signal, pulse or
waveform use:
CR=Silicon diode
X=Non-Latching output circuitry to follow
LED=Input diode of 6N139
f=frequency
Examples:
A desired pulse train to be present is shown in Figure 3.
D.C. POWER SOURCE
R
-
+
C
6N139
X
LED
R
Power supply voltage
1.5 volts
50 microamperes
-------------------------------------------------------------------------------
=
INPUT
RS
RL
CR
C
X
6N139
LED
R
L
Positive Vpk. of input
() 2.5 volts
1 milliampere
------------------------------------------------------------------------------------
=
C
min
Pulse interval of 1/f
R
L
-----------------------------------------------
=
R
Smax
Pulse width or 1/4f
5C
---------------------------------------------
=


Número de pieza similar - 6N139

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
Fairchild Semiconductor
6N139 FAIRCHILD-6N139 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Vishay Siliconix
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
logo
QT Optoelectronics
6N139 QT-6N139 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
More results

Descripción similar - 6N139

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Touch Technolog...
VM114 SITI-VM114 Datasheet
259Kb / 8P
   Low input current
logo
COSMO Electronics Corp...
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Solid State Optronic
SP946-X SSOUSA-SP946-X Datasheet
197Kb / 6P
   Low Input Control Current
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Vishay Siliconix
IL201 VISHAY-IL201 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
Rev. 1.5, 08-May-08
logo
AVAGO TECHNOLOGIES LIMI...
6N139 AVAGO-6N139 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
logo
Sharp Corporation
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com