Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN3100C Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FAN3100C
Descripción Electrónicos  Application Review and Comparative Evaluation of Low-Side Gate Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3100C Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN3100C Datasheet HTML 1Page - Fairchild Semiconductor FAN3100C Datasheet HTML 2Page - Fairchild Semiconductor FAN3100C Datasheet HTML 3Page - Fairchild Semiconductor FAN3100C Datasheet HTML 4Page - Fairchild Semiconductor FAN3100C Datasheet HTML 5Page - Fairchild Semiconductor FAN3100C Datasheet HTML 6Page - Fairchild Semiconductor FAN3100C Datasheet HTML 7Page - Fairchild Semiconductor FAN3100C Datasheet HTML 8Page - Fairchild Semiconductor FAN3100C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN-6069
APPLICATION NOTE
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3 • 1/6/10
5
with magnetizing inductance LMAG. In both cases, the DC
blocking capacitor CC is large enough so that its voltage is
approximately constant.
Figure 8.
Simplified Pulse Transformer Circuit
In Figure 9, the circuit is modified so that the resistor is
replaced by the gate-to-source terminal of a MOSFET
located on the high side of a bridge circuit.
CC
VDD
T1
NP:NS
VS
-
+
VP
+
-
+
-
VOUT
IG
IDR
IMAG
IN
LMAG
+Bulk
Figure 9.
Simplified Gate Drive Transformer Circuit
0(a) shows the operational waveforms for the pulse
transformer circuit, while 0(b) shows operation in a gate
drive application.
(a)
(b)
Figure 10.
(a) Pulse Transformer Waveforms and
(b) Gate Drive Transformer Waveforms
The output of the driver swings from 0V to VDD producing a
DC component equal to VDD x duty cycle. If this voltage is
applied directly to the primary winding of T1, the
transformer would saturate and not be able to transmit useful
information. To prevent this, coupling capacitor CC is
inserted in series with the primary winding to block the DC
voltage while passing the AC portion of the VOUT signal.
Transformers designed for pulse and gate drive applications
usually specify a voltage-time product the device can
withstand without saturating the transformer.
In many cases, the same transformer could be used as either
a pulse transformer operation or a gate drive transformer. In
0, the major difference between the two applications is in the
current waveforms. With a constant drive voltage and
magnetizing inductance, LMAG, the magnetizing current IMAG
is the same in both circuits. In the pulse transformer
waveforms shown in 0(a), the resistor current IR follows the
secondary voltage VS, and the driver supplies a current that
is the sum of these two components. In the MOSFET gate
drive waveforms shown in 0(b),
the gate current IG is positive pulses at turn on and negative
pulses at turn off. As in the first example, the driver
supplies a current that is the sum of these two components,
but the waveform has a larger RMS value due to the high-
current pulses.
It is important to examine the direction of current flow
between driver and transformer for the examples of 0. When
VOUT swings high as shown Figure 11(a), one might expect
the driver to immediately source current. However, the
magnetizing current is negative and, if the load current is not
larger than the magnetizing current, the driver must sink
current until IDR goes positive. The opposite situation exists
in Figure 11(b), when VOUT goes from high to low and the
driver must source current when expected to operate as a
current sink. Figure 11(c) shows additional diodes providing
a current path if the driver cannot sink current when VOUT is
high or source current when VOUT is low, as found in drivers
with a bipolar output stage.
VOUT
IDR
VOUT
IDR
Pulse Transformer
Gate Transformer
(a)
(b)


Número de pieza similar - FAN3100C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Descripción similar - FAN3100C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com