Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6751HLMY Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN6751HLMY
Descripción Electrónicos  Highly Integrated Green-Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6751HLMY Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN6751HLMY Datasheet HTML 1Page - Fairchild Semiconductor FAN6751HLMY Datasheet HTML 2Page - Fairchild Semiconductor FAN6751HLMY Datasheet HTML 3Page - Fairchild Semiconductor FAN6751HLMY Datasheet HTML 4Page - Fairchild Semiconductor FAN6751HLMY Datasheet HTML 5Page - Fairchild Semiconductor FAN6751HLMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6751HLMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6751HLMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6751HLMY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.fairchildsemi.com
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 9/26/08
AN-6073
FAN6751 — Highly Integrated Green-Mode PWM Controller
Introduction
This application note describes a detailed design strategy for
a high-efficiency, compact flyback converter. Design
considerations and mathematical equations are presented as
well as guidelines for a printed circuit board layout. The
highly integrated FAN6751 series of PWM controllers
provides several features to enhance the performance for
LCDM/TV, NB, and adapters.
The green-mode function includes off-time modulation and
burst mode to reduce the PWM frequency at light-load and
in no-load conditions. To avoid acoustic noise problems, the
minimum PWM frequency is set above 18KHz. This green-
mode function enables the power supply to meet
international power conservation requirements. With the
internal high-voltage startup circuitry, the power loss due to
bleeding resistors is also eliminated. Built-in synchronized
slope compensation achieves stable peak-current-mode
control. The proprietary external line compensation ensures
constant output power limit over a wide AC input voltage
range, from 90VAC to 264VAC.
FAN6751 provides many protection functions, as shown in
Table 1. In addition to cycle-by-cycle current limiting, the
internal open-loop protection circuit ensures safety should
an open-loop or output short-circuit failure occur.
Features
High-Voltage Startup
Low Operating Current: 4mA
Linearly Decreasing PWM Frequency to 18KHz
Fixed PWM Frequency: 65KHz
Peak-Current-Mode Control
Cycle-by-Cycle Current Limiting
Leading-Edge Blanking (LEB)
Synchronized Slope Compensation
Internal Open-loop Protection
GATE Output Maximum Voltage Clamp: 18V
VDD Under-Voltage Lockout (UVLO)
VDD Over-Voltage Protection (OVP)
Internal Recovery Circuit (OVP, OLP)
Internal Sense Short-Circuit Protection
External Constant Power Limit (Full AC Input Range)
Internal OTP Sensor with Hysteresis
Built-in 5ms Soft-Start Function
Built-in VIN Pin Pull HIGH (> 4.7V) Recovery
Function for Second-Side Output OVP
Brownout Protection with Hysteresis
Applications
General-purpose, switch-mode power supplies and flyback
power converters, including:
Power Adapters
Open-frame SMPS
LCD Monitor/TV
Figure 1. Pin Configuration (Top View)
Table 1. Protection Functions of FAN6751 Series
Part Number
OVP (VDD)
OLP (FB)
Pull-High
Protection (VIN)
OTP
(Internal)
SCP
(SENSE)
PWM
Frequency
FAN6751MRMY
Recovery
Recovery
Recovery
Recovery
Recovery
65KHz
FAN6751HLMY
Latch
Latch
Latch
Recovery
Recovery
100KHz
1
2
3
4
SOP-8
8
7
6
5
GND
FB
NC
HV
GATE
VDD
SENSE
VIN


Número de pieza similar - FAN6751HLMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6751MRMY FAIRCHILD-FAN6751MRMY Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
More results

Descripción similar - FAN6751HLMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com