Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN9611 Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN9611
Descripción Electrónicos  Design Consideration for Interleaved Boundary Conduction Mode PFC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9611 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN9611 Datasheet HTML 4Page - Fairchild Semiconductor FAN9611 Datasheet HTML 5Page - Fairchild Semiconductor FAN9611 Datasheet HTML 6Page - Fairchild Semiconductor FAN9611 Datasheet HTML 7Page - Fairchild Semiconductor FAN9611 Datasheet HTML 8Page - Fairchild Semiconductor FAN9611 Datasheet HTML 9Page - Fairchild Semiconductor FAN9611 Datasheet HTML 10Page - Fairchild Semiconductor FAN9611 Datasheet HTML 11Page - Fairchild Semiconductor FAN9611 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AN-6086
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.4 • 4/22/10
8
TON
VCOMP
4.3
0.73
0.93
TON
MAX
13% of POUT
MAX (T
ON
MAX)
18% of POUT
MAX (T
ON
MAX)
POUT
MAX
POUT
0.2
Figure 13. VCOMP vs. On Time of Gate Drive Signal
FAN9611/12 determines the phase management according
to the COMP pin voltage (0.73V and 0.93V). Since the
COMP pin voltage is proportional to the output power, the
power levels for phase shedding and adding are given as
percentages of limited maximum power, as shown in
Figure 13. Thus, the maximum power limiting factor
affects the actual phase management thresholds as
percentages of nominal output power, as shown in Figure
14, which shows an example where the maximum power
limit is 170% of the nominal output power. In that case, the
actual phase management thresholds are 22% and 31% of
nominal output power, which can maximize the efficiency
at 20% of nominal load for 80-plus efficiency requirement.
In this way, the phase management thresholds can be
adjusted upward by adjusting the maximum on time
(through RMOT).
Output Power Normalized to PO
MAX
# of phase
operating
2
1
13%
18%
100%
50%
Output Power Normalized to PO
NOMINAL
# of phase
operating
2
1
22% 31%
100%
50%
PO
MAX=1.7 P
O
NOMINAL
170%
Figure 14. Phase Management Threshold
When the resulting maximum power limit to obtain the
desired phase management threshold is too high compared
to the nominal output power, the maximum power limit
level can be reduced using clamping circuit on COMP pin,
as shown in Figure 15. The COMP pin voltage is clamped
at 3.3V and the resulting maximum power limit level is
reduced from 170% to 130% of nominal output power.
Figure 15. COMP Voltage Clamping Circuit and Phase
Management Threshold
After determining the limited maximum output power, the
boost inductor maximum flux density should be examined
to make sure that the inductor is not saturated during
overload condition. The maximum flux density of boost
inductor during overload condition is given by:
,
max
LPK
MAX
e
BOOST
I
KL
B
AN
=
(20)


Número de pieza similar - FAN9611

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9611MX FAIRCHILD-FAN9611MX Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
More results

Descripción similar - FAN9611

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_15 Datasheet
111Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
logo
Sanken electric
SSC2102S SANKEN-SSC2102S Datasheet
600Kb / 21P
   Discontinuous Conduction Mode (DCM) Interleaved PFC IC
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
R2A20112SP RENESAS-R2A20112SP Datasheet
85Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com