Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS3670 Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FDS3670
Descripción Electrónicos  Power Converter Topology and MOSFET Selection for 48-V Telecom
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3670 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FDS3670 Datasheet HTML 4Page - Fairchild Semiconductor FDS3670 Datasheet HTML 5Page - Fairchild Semiconductor FDS3670 Datasheet HTML 6Page - Fairchild Semiconductor FDS3670 Datasheet HTML 7Page - Fairchild Semiconductor FDS3670 Datasheet HTML 8Page - Fairchild Semiconductor FDS3670 Datasheet HTML 9Page - Fairchild Semiconductor FDS3670 Datasheet HTML 10Page - Fairchild Semiconductor FDS3670 Datasheet HTML 11Page - Fairchild Semiconductor FDS3670 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Rev. A, June 2001
©2001 Fairchild Semiconductor Corporation
levels approaching 390 watts are theoretically possible. Paralleling FETs allows this number to
be increased. The output waveforms of the bridge design look the same as the push pull. The
FET drain voltages are depicted in Figure 11.
Figure 10. The basic circuit design for a full-bridge regulator topology.
Figure 11. Voltage and current waveforms for the full-bridge regulator.
D1
D2
L1
T1
Q2
Q4
Q1
VIN
Gate 1
Gate
U1
PWM
Gate
Input 1
Isolation
Input 2
GND
GND
Source 1
Gate 2
Source 2
RTN
C2
+
C1
+
VOUT
Q3
VGS(Q2&Q3)
VGS(Q1&Q4)
PWM'ED EDGE
Can vary from
0 to VIN
-VIN
VDS(Q1&Q4)
VDS(Q2&Q3)
VSW2
VSAT
IPK
0
2
TIME
SW
1-4
SW
2-3
VIN
VIN
ISW2
0
TIME
IMIN
Can vary from
0 to VIN
-VIN


Número de pieza similar - FDS3670

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results

Descripción similar - FDS3670

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
7004 FAIRCHILD-7004 Datasheet
85Kb / 12P
   Power Converter Topology
logo
ON Semiconductor
NCP1561 ONSEMI-NCP1561 Datasheet
250Kb / 22P
   Push-Pull PWM Controller for 48 V Telecom Systems
August, 2004 ??Rev. 3
NCP1031MNTXG ONSEMI-NCP1031MNTXG Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030_06 Datasheet
166Kb / 18P
   Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
January, 2006 ??Rev. 6
NCP1030 ONSEMI-NCP1030 Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
logo
Vishay Siliconix
SI9117 VISHAY-SI9117 Datasheet
132Kb / 15P
   High-Frequency Converter for Telecom Applications
Rev. E, 19-Apr-04
logo
ALPS ELECTRIC CO.,LTD.
SDDE ALPS-SDDE Datasheet
1,014Kb / 3P
   One switch for main power, mode selection and start
logo
International Rectifier
IRF7823PBF IRF-IRF7823PBF Datasheet
669Kb / 10P
   Power MOSFET Selection for Non-Isolated DC/DC Converters
logo
Vishay Siliconix
SIHW47N65E VISHAY-SIHW47N65E Datasheet
161Kb / 7P
   Server and telecom power supplies
Rev. C, 02-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com