Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB350 Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza SB350
Descripción Electrónicos  Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB350 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button SB350 Datasheet HTML 2Page - Fairchild Semiconductor SB350 Datasheet HTML 3Page - Fairchild Semiconductor SB350 Datasheet HTML 4Page - Fairchild Semiconductor SB350 Datasheet HTML 5Page - Fairchild Semiconductor SB350 Datasheet HTML 6Page - Fairchild Semiconductor SB350 Datasheet HTML 7Page - Fairchild Semiconductor SB350 Datasheet HTML 8Page - Fairchild Semiconductor SB350 Datasheet HTML 9Page - Fairchild Semiconductor SB350 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AN-8024
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 9/18/09
9
EEL-19
N
p/2
N
5V
N
a
1
2
3
4
5
6
10
N
p/2
Figure 12.Transformer Specification
Core: EEL-19 (Ae=25mm
2)
Bobbin: EEL-19
Pin (S
→ F)
Wire
Turns
Winding Method
Na
4 → 5
0.3φ×1
24
Solenoid Winding
Insulation: Polyester Tape t = 0.025mm, 1 Layer
Np/2
3 → 2
0.3φ×1
73
Solenoid Winding
Insulation: Polyester Tape t = 0.025mm, 2 Layers
N5V
6 → 10
0.65φ×3
8
Solenoid Winding
Insulation: Polyester Tape t = 0.025mm, 2 Layers
Np/2
2 → 1
0.3φ×1
73
Solenoid Winding
Insulation: Polyester Tape t = 0.025mm, 2 Layers
Pin
Specifications
Remark
Inductance
1-3
900
μH ± 10%
100 kHz, 1 V
Leakage
1-3
< 30
μH Max.
Short All Other Pins


Número de pieza similar - SB350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
SB350 DIOTEC-SB350 Datasheet
93Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Pan Jit International I...
SB350 PANJIT-SB350 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
DONGGUAN YOU FENG WEI E...
SB350 YFWDIODE-SB350 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Semikron International
SB350 SEMIKRON-SB350 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
Anderson Power Products...
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
More results

Descripción similar - SB350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RBWDTU FAIRCHILD-FSDM0565RBWDTU Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com