Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS85-B2GA471KYNS Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza CS85-B2GA471KYNS
Descripción Electrónicos  Dual BCM PFC Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CS85-B2GA471KYNS Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button CS85-B2GA471KYNS Datasheet HTML 4Page - Fairchild Semiconductor CS85-B2GA471KYNS Datasheet HTML 5Page - Fairchild Semiconductor CS85-B2GA471KYNS Datasheet HTML 6Page - Fairchild Semiconductor CS85-B2GA471KYNS Datasheet HTML 7Page - Fairchild Semiconductor CS85-B2GA471KYNS Datasheet HTML 8Page - Fairchild Semiconductor CS85-B2GA471KYNS Datasheet HTML 9Page - Fairchild Semiconductor CS85-B2GA471KYNS Datasheet HTML 10Page - Fairchild Semiconductor CS85-B2GA471KYNS Datasheet HTML 11Page - Fairchild Semiconductor CS85-B2GA471KYNS Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.fairchildsemi.com
© 2010 Fairchild Semiconductor Corporation
8
FEB388_FAN9611/12 • Rev. 0.0.2
6. Boost Inductor Specification
PA2075NL from Pulse Engineering (www.pulseeng.com)
Core: PQ3230 (Ae=161mm2)
Bobbin: PQ3230
Inductance : 200
μH
Figure 3.
Boost Inductor used in this FAN9611/12 Evaluation Board
Table 2.
Inductor Turns Specifications
Pin
Turns
N1
5
3
30
Insulation Tape
N2
2
4
3
Insulation Tape


Número de pieza similar - CS85-B2GA471KYNS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
CS85-B2GA471KYNSA TDK-CS85-B2GA471KYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results

Descripción similar - CS85-B2GA471KYNS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
logo
NXP Semiconductors
TEA19162T NXP-TEA19162T Datasheet
283Kb / 30P
   PFC controller
Rev. 1-10 March 2016
TEA19162T NXP-TEA19162T_V01 Datasheet
343Kb / 30P
   PFC controller
Rev. 3-7 May 2018
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_15 Datasheet
219Kb / 21P
   PFC Controller
May, 2015 ??Rev. 10
logo
NXP Semiconductors
TEA19162CT NXP-TEA19162CT Datasheet
340Kb / 29P
   PFC controller
Rev. 2-26 February 2020
logo
Fairchild Semiconductor
AN-9732 FAIRCHILD-AN-9732 Datasheet
2Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 200W Lighting System
FAN7528 FAIRCHILD-FAN7528_07 Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com