Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FAN100MY Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
FAN100MY Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 16 page © 2009 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN100 Rev. 1.0.2 4 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Symbol Parameter Min. Max. Unit VDD DC Supply Voltage (1,2) 30 V VVS VS Pin Input Voltage -0.3 7.0 V VCS CS Pin Input Voltage -0.3 7.0 V VCOMV Voltage Error Amplifier Output Voltage -0.3 7.0 V VCOMI Voltage Error Amplifier Output Voltage -0.3 7.0 V PD Power Dissipation (TA<50°C) 660 mW ΘJA Thermal Resistance (Junction-to-Air) 150 °C /W ΘJC Thermal Resistance (Junction-to-Case) 39 °C /W TJ Operating Junction Temperature +150 °C TSTG Storage Temperature Range -55 +150 °C TL Lead Temperature (Wave Soldering or IR, 10 Seconds) +260 °C Human Body Model, JEDEC: JESD22-A114 4.5 ESD Electrostatic Discharge Capability Charged Device Model, JEDEC: JESD22-C101 2.0 KV Notes: 1. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. 2. All voltage values, except differential voltages, are given with respect to GND pin. Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings. Symbol Parameter Conditions Min. Typ. Max. Unit TA Operating Ambient Temperature -40 +125 °C |
Número de pieza similar - FAN100MY |
|
Descripción similar - FAN100MY |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |