Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN1577AMX Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN1577AMX
Descripción Electrónicos  Dual Synchronous DC/DC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1577AMX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN1577AMX Datasheet HTML 1Page - Fairchild Semiconductor FAN1577AMX Datasheet HTML 2Page - Fairchild Semiconductor FAN1577AMX Datasheet HTML 3Page - Fairchild Semiconductor FAN1577AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN1577AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN1577AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN1577AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN1577AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN1577AMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2010
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN1577A • Rev. 1.0.0
FAN1577A
Dual Synchronous DC/DC Controller
Features
Integrates Two Sets of MOSFET Drivers
Two Independent PWM Controllers
Constant Frequency Operation: Free-running Fixed-
Frequency Oscillator Programmable: 61kHz to 340kHz
Maximum Input Supply Voltage: 15V
Programmable Output as Low as 0.7V
Internal Error Amplifier Reference Voltage:
0.7V ±1.0%
Two Soft-Start / EN Function Pins
Programmable Over-Current Protection (OCP)
30V HIGH Voltage Pin for Bootstrap Voltage
Output Over-Voltage Protection (OVP)
20-Pin SOP
Applications
CPU and GPU Vcore Power Supply
Power Supply Requiring Two Independent Outputs
Description
The FAN1577A is a high-efficiency, voltage-mode, dual-
channel, synchronous DC/DC PWM controller for two
independent outputs. The two channels are operated
out of phase. The internal reference voltage is trimmed
to 0.7V±1.0%. It is connected to the error amplifier’s
positive terminal for voltage feedback regulation.
A soft-start circuit ensures the output voltage can be
gradually and smoothly increased from zero to its final
regulated value. The soft-start pin can also be used for
chip-enable function. When two soft-start pins are
grounded, the chip is disabled, and the total operation
current can be reduced to under 0.7mA.
The fixed-frequency is programmable from 61kHz to
340kHz. The Over-Current Protection (OCP) level can
be programmed by an external current-sense resistor. It
has two integrated sets of internal MOSFET drivers.
FAN1577A is available in a 20-pin small-outline
package (SOP).
Ordering Information
Part Number
Operating Temperature Range
Package
Packing Method
FAN1577AMX
-40°C to +85°C
20-Lead, Small-Outline Package
Tape & Reel


Número de pieza similar - FAN1577AMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
FAN150AC115 HAMMOND-FAN150AC115 Datasheet
68Kb / 1P
   VENTILATEURS AXIAUX A ENVELOPPE
FAN150AC115 HAMMOND-FAN150AC115 Datasheet
185Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FAN150AC230 HAMMOND-FAN150AC230 Datasheet
68Kb / 1P
   VENTILATEURS AXIAUX A ENVELOPPE
FAN150AC230 HAMMOND-FAN150AC230 Datasheet
194Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results

Descripción similar - FAN1577AMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Rohm
BD9011EKN ROHM-BD9011EKN Datasheet
442Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9011KV ROHM-BD9011KV Datasheet
448Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9040FV ROHM-BD9040FV Datasheet
356Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9045FV ROHM-BD9045FV Datasheet
379Kb / 6P
   Dual Synchronous DC/DC converter controller
logo
Semtech Corporation
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com