Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2513 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FAN2513
Descripción Electrónicos  150 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2513 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN2513 Datasheet HTML 1Page - Fairchild Semiconductor FAN2513 Datasheet HTML 2Page - Fairchild Semiconductor FAN2513 Datasheet HTML 3Page - Fairchild Semiconductor FAN2513 Datasheet HTML 4Page - Fairchild Semiconductor FAN2513 Datasheet HTML 5Page - Fairchild Semiconductor FAN2513 Datasheet HTML 6Page - Fairchild Semiconductor FAN2513 Datasheet HTML 7Page - Fairchild Semiconductor FAN2513 Datasheet HTML 8Page - Fairchild Semiconductor FAN2513 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRODUCT SPECIFICATION
FAN2512/FAN2513
2
REV. 1.1.9 12/17/10
Pin Assignments
Pin Descriptions
Pin No.
FAN2512
FAN2512-XX
FAN2513-XX
1.
VIN
VIN
VIN
2.
GND
GND
GND
3.
EN
EN
EN
4.
ADJ
BYP
ERR
5.
VOUT
VOUT
VOUT
Pin Name
Pin No.
Type
Pin Function Description
ADJ
4
Input
FAN2512 Adjust. Ratio of potential divider from VOUT to ADJ
determines output voltage.
BYP
4
Passive
FAN2512-XX Bypass. Connect 470 pF capacitor for noise reduction.
ERR
4
Open drain
FAN2513-XX Error. Error flag output.
0: Output voltage < 95% of nominal.
1: Output voltage > 95% of nominal.
EN
3
Digital Input
Enable.
0: Shutdown VOUT.
1: Enable VOUT.
VIN
1
Power in
Voltage Input. Supply voltage input.
VOUT
5
Power out
Voltage Output. Regulated output voltage.
GND
2
Power
Ground.
15
2
3
VIN
GND
EN
4
VOUT
ADJ/BYP/ERR
Functional Description
Designed utilizing CMOS process technology, the
FAN2512/13 family of products are carefully optimized for
use in compact battery-powered devices, offering a unique
combination of low power consumption, extremely low
dropout voltages, high tolerance for a variety of output
capacitors, and the ability to disable the output to less than
1µA under user control. In the circuit, a difference amplifier
controls the current through a series-pass P-Channel
MOSFET, comparing the load voltage at the output with an
onboard low-drift bandgap reference. The series resistance
of the pass P-Channel MOSFET is approximately 1
Ω, result-
ing in an unusually low dropout voltage under load when
compared to older bipolar pass-transistor designs.
Protection circuitry is provided onboard for overload condi-
tions. In conditions where the device reaches temperatures
exceeding the specified maximums, an onboard circuit shuts
down the output, where it remains suspended until it has
cooled before re-enabling. The user is also free to shut down
the device using the Enable control pin at any time.
Careful design of the output regulator amplifier assures loop
stability over a wide range of ESR values in the external
output capacitor. A wide range of values and types can be
accommodated, allowing the user to select a capacitor
meeting his space, cost, and performance requirements,
and enjoy reliable operation over temperature, load, and
tolerance variations.


Número de pieza similar - FAN2513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2513 FAIRCHILD-FAN2513 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2513 ONSEMI-FAN2513 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
logo
Fairchild Semiconductor
FAN2513S25X FAIRCHILD-FAN2513S25X Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2513S26X FAIRCHILD-FAN2513S26X Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2513S27X FAIRCHILD-FAN2513S27X Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
More results

Descripción similar - FAN2513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com