Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GSW3809X Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

No. de pieza GSW3809X
Descripción Electrónicos  ?3 Flush Mount Type LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

GSW3809X Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button GSW3809X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. GSW3809X Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
φ3 Flush Mount Type LED
2010.3.10
Page 10
G□□3809X
0.1
1.0
10.0
-40
10
60
110
0
5
10
15
20
25
-40
10
60
110
Duty=5%
Duty=10%
Duty=20%
Duty=50%
DC
2.0
2.5
3.0
3.5
-40
10
60
110
0
10
20
30
40
-40
10
60
110
36
Ambient Temperature vs. Relative Intensity
Ambient Temperature : Ta(℃)
Ambient Temperature vs. Forward Voltage
Condition : I
F=5mA
Ambient Temperature : Ta(℃)
Technical Data (GSW)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)


Número de pieza similar - GSW3809X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STANLEY ELECTRIC CO.,LT...
GSW3801C STANLEY-GSW3801C Datasheet
471Kb / 18P
   ?3 Flush Mount Type LED
More results

Descripción similar - GSW3809X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STANLEY ELECTRIC CO.,LT...
GSW3801C STANLEY-GSW3801C Datasheet
471Kb / 18P
   ?3 Flush Mount Type LED
GLW3809X STANLEY-GLW3809X Datasheet
240Kb / 13P
   3 Flush Mount Type White LED
UW3804X STANLEY-UW3804X Datasheet
188Kb / 13P
   3 Flush Mount Type White LED
GLW5809C STANLEY-GLW5809C Datasheet
243Kb / 13P
   3 X 5 Flush Mount Type White LED
UW5805S STANLEY-UW5805S Datasheet
184Kb / 13P
   Flush Mount Type White LED
UW3803X STANLEY-UW3803X Datasheet
181Kb / 13P
   Flush Mount Type White LED
UW5806X STANLEY-UW5806X Datasheet
187Kb / 13P
   5 Flush Mount Type White LED
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com