Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5354MPX Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FAN5354MPX
Descripción Electrónicos  3MHz, 3A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5354MPX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5354MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5354 • Rev. 1.0.5
4
Electrical Characteristics
Minimum and maximum values are at VIN=2.7V to 5.5V, TA=-40°C to +85°C, unless otherwise noted. Typical values are at
TA=25°C, VIN=5V.
Symbol Parameter
Conditions
Min. Typ. Max. Units
Power Supplies
IQ
Quiescent Current
ILOAD=0, MODE=0
270
µA
ILOAD=0, MODE=1 (Forced PWM)
14
mA
I SD
Shutdown Supply Current
EN=GND
0.1
3.0
µA
VUVLO
Under-Voltage Lockout Threshold
VIN Rising
2.83
2.95
V
VIN Falling
2.10
2.30
2.40
V
VUVHYST
Under-Voltage Lockout Hysteresis
530
mV
Logic Pins
VIH
HIGH-Level Input Voltage
1.05
V
VIL
LOW-Level Input Voltage
0.4
V
VLHYST
Logic Input Hysteresis Voltage
100
mV
IIN
Input Bias Current
Input Tied to GND or VIN
0.01
1.00
µA
IOUTL
PGOOD Pull-Down Current
VPGOOD=0.4V
1
mA
IOUTH
PGOOD HIGH Leakage Current
VPGOOD=VIN
0.01
1.00
µA
VOUT Regulation
VREF
Output Reference DC Accuracy
Measured at FB Pin
TA=25°C
0.792 0.800 0.808
V
0.788 0.800 0.812
V
VREG
VOUT DC Accuracy
At VOUT Pin W.R.T. Calculated Value,
ILOAD=500mA
1.6
+1.6
%
LOAD
OUT
I
V
Load Regulation
IOUT(DC)=1 to 3A
–0.03
%/A
IN
OUT
V
V
Line Regulation
2.7V ≤ VIN ≤ 5.5V, IOUT(DC)=1.5A
0.01
%/V
Transient Response
ILOAD Step 0.1A to 1.5A, tr=tf=100ns, VOUT=1.2V
+40
mV
Power Switch and Protection
RDS(ON)P P-Channel MOSFET On Resistance
60
m
RDS(ON)N N-Channel MOSFET On Resistance
40
m
ILIMPK
P-MOS Peak Current Limit
3.75
4.55
5.50
A
TLIMIT
Thermal Shutdown
150
°C
THYST
Thermal Shutdown Hysteresis
20
°C
VSDWN
Input OVP Shutdown
Rising Threshold
6.2
V
Falling Threshold
5.50
5.85
V
Frequency Control
fSW
Oscillator Frequency
2.7
3.0
3.3
MHz
fSYNC
MODE Pin Synchronization Range
External Square-Wave, 30% to 70% Duty Cycle
2.7
3.0
3.3
MHz
fPFM(MIN)
Minimum PFM Frequency
TA = 25°C, VIN = 5.0V
17
26
36
kHz
Soft-Start
tSS
Regulator Enable to Regulated VOUT
RLOAD > 5Ω, to VOUT=1.2V
210
250
µs
RLOAD > 5Ω, to VOUT=1.8V
340
420
µs
VSLEW
Soft-Start VREF Slew Rate
10
V/ms


Número de pieza similar - FAN5354MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5354MPX FAIRCHILD-FAN5354MPX Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
ON Semiconductor
FAN5354MPX ONSEMI-FAN5354MPX Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
More results

Descripción similar - FAN5354MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com