Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN3223T Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN3223T
Descripción Electrónicos  30V PMOS-NMOS Bridge Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3223T Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN3223T Datasheet HTML 1Page - Fairchild Semiconductor FAN3223T Datasheet HTML 2Page - Fairchild Semiconductor FAN3223T Datasheet HTML 3Page - Fairchild Semiconductor FAN3223T Datasheet HTML 4Page - Fairchild Semiconductor FAN3223T Datasheet HTML 5Page - Fairchild Semiconductor FAN3223T Datasheet HTML 6Page - Fairchild Semiconductor FAN3223T Datasheet HTML 7Page - Fairchild Semiconductor FAN3223T Datasheet HTML 8Page - Fairchild Semiconductor FAN3223T Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2011
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3278 • Rev. 1.0.0
FAN3278
30V PMOS-NMOS Bridge Driver
Features
8V to 27V Optimum Operating Range
Drives High-Side PMOS and Low-Side NMOS in
Motor Control or Buck Step-Down Applications
Output Drive-Voltage Magnitude Limited: < 13V
for VDD up to 30V
Biases Each Load Device OFF with a 100kΩ
Resistor when VDD Below Operating Level
Low-Voltage TTL Input Thresholds
Peak Gate Drives at 12V: +1.5A Sink, -1.0A Source
Internal Resistors Hold Driver Off When
No Inputs Present
8-Lead SOIC Package
Rated from –40°C to +125°C Ambient
Applications
Motor Control with PMOS / NMOS Half-Bridge
Configuration
Buck Converters with High-Side PMOS Device;
100% Duty Cycle Operation Possible
Logic-Controlled Load Circuits with High-Side
PMOS Switch
Description
The FAN3278 dual 1.5A gate driver is optimized to drive
a high-side P-channel MOSFET and a low-side
N-channel MOSFET in motor control applications
operating from a voltage rail up to 27V. Internal circuitry
limits the voltage applied to the gates of the external
MOSFETs to 13V maximum. The driver has TTL input
thresholds and provides buffer and level translation from
logic inputs. Internal circuitry prevents the output
switching devices from operating if the VDD supply
voltage is below the IC operation level. Internal 100kΩ
resistors bias the non-inverting output LOW and the
inverting output to VDD to keep the external MOSFETs
off during startup intervals when logic control signals
may not be present.
The FAN3278 driver incorporates MOSFET devices for
the final output stage, providing high current throughout
the MOSFET turn-on / turn-off transition to minimize
switching loss. The internal gate-drive regulators
provide optimum gate-drive voltage when operating
from a rail of 8V to 27V. The FAN3278 can be driven
from a voltage rail of less than 8V; however, its gate
drive current is reduced.
The FAN3278 has two independent ENABLE pins that
default to ON if not connected. If the ENABLE pin for
non-inverting channel A is pulled LOW, OUTA is forced
LOW. If the ENABLE pin for inverting channel B is
pulled LOW, OUTB is forced HIGH. If an input is left
unconnected, internal resistors bias the inputs such that
the external MOSFETs are OFF.
Figure 1. Typical Application


Número de pieza similar - FAN3223T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN3223T FAIRCHILD-FAN3223T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3223T FAIRCHILD-FAN3223T Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3223T FAIRCHILD-FAN3223T Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3223T FAIRCHILD-FAN3223T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223T FAIRCHILD-FAN3223T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results

Descripción similar - FAN3223T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
FAN3268 ONSEMI-FAN3268 Datasheet
1Mb / 17P
   2A Low-Voltage PMOS-NMOS Bridge Driver
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268_11 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-339J AVAGO-ACPL-339J Datasheet
948Kb / 23P
   Dual output drive for external NMOS and PMOS buffer
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
   30V/4A Half Bridge Driver
logo
List of Unclassifed Man...
MC1203N ETC-MC1203N Datasheet
281Kb / 4P
   LSI PMOS
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
   Single and dual PMOS high-side H-bridge
October 2015 Rev 2
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
   Single and dual PMOS high-side H-bridge
September 2013 Rev 6
logo
Hamamatsu Corporation
C7885 HAMAMATSU-C7885 Datasheet
219Kb / 4P
   Driver circuit for NMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com