Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5602 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN5602
Descripción Electrónicos  Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5602 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5602_09 Datasheet HTML 2Page - Fairchild Semiconductor FAN5602_09 Datasheet HTML 3Page - Fairchild Semiconductor FAN5602_09 Datasheet HTML 4Page - Fairchild Semiconductor FAN5602_09 Datasheet HTML 5Page - Fairchild Semiconductor FAN5602_09 Datasheet HTML 6Page - Fairchild Semiconductor FAN5602_09 Datasheet HTML 7Page - Fairchild Semiconductor FAN5602_09 Datasheet HTML 8Page - Fairchild Semiconductor FAN5602_09 Datasheet HTML 9Page - Fairchild Semiconductor FAN5602_09 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5602 Rev. 1.5.3
6
Typical Performance Characteristics
TA = 25°C, VOUT = 4.5V unless otherwise noted.
Figure 4. Quiescent Current vs. Input Voltage
Figure 5. Shutdown Current vs. Input Voltage
Figure 6. Line Regulation
Figure 7. Efficiency vs. Input Voltage
Figure 8. Load Regulation
Figure 9. Output Current Capacity vs. Input Voltage
Input Voltage (V)
0
20
40
60
80
100
120
140
160
180
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
60
70
80
12
34
56
Input Voltage (V)
Input Voltage
20
30
40
50
60
70
80
90
100
2.500
3.500
3.000
4.500
5.500
4.000
5.000
Load Current = 10mA
Load Current = 50mA
Load Current = 100mA
Load Current = 150mA
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
4.30
4.35
4.40
4.45
4.50
4.55
Input Voltage (V)
ILOAD = 100mA
VOUT = 4.5V
1
50
100
150
200
250
300
350
4.0
4.2
4.1
4.3
4.4
4.5
4.6
Load Currrent (mA)
VIN = 3.6V
Input Voltage (V)
0.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
2
2.5
3
3.5
4
4.5
5
DVOUT < 10%
DVOUT < 3%


Número de pieza similar - FAN5602_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results

Descripción similar - FAN5602_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com