Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6921MLMY Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FAN6921MLMY
Descripción Electrónicos  Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6921MLMY Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN6921MLMY Datasheet HTML 1Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 2Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 3Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 4Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 5Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6921MLMY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6921ML • Rev. 1.0.1
3
Internal Block Diagram
CSPWM
2
16
7
3
4
11
5
10
9
12
13
1
8
6
14
0.7V
0.3V
2.5V
INV
2.3V
COMP
0.45V
CSPFC
Blanking
Circuit
0.6V
Sawtooth
Generator
/tON-MAX-PFC
THD
Optimizer
Multi-Vector Amp.
ZCD
OPFC
DRV
DRV
GND
10V
IZCD
2.1V/1.75V
Inhibit
Timer
PFC Zero Current
Detector
VDD
Two Steps
UVLO
18V/10V/7.5V
Internal
Bias
Latched
OVP
UVP
Disable
Function
0.2V
Restarter
PFC
Current Limit
15.5V
Latched
17.5V
OPWM
DET
FB
RT
VIN
HV
RANGE
IHV
Debounce
100ms
2.35V/2.15V
PFC RANGE Control
1V/1.2V
Latched
2.75V
2.65V
2.75V
RANGE
2.9V
RANGE
4.2V
2R
R
Debounce
Time
100uA
Soft-Start
9.5ms
PWM
Current Limit
IDET
Internal
OTP
Latched
100us
10ms
0.8V
0.5V
IRT
Prog. OTP
/ Externally Triggering
Blanking
Circuit
IDET
5V
Latched
(RT Pin) Prog. OTP
Brownout
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
S
R
VB & clamp
VCOMP to 1.6V
FB OLP
Timer
50ms
VB
Over Power
Compensation
VCTL-PFC-ON/OFF
Starter
2.5ms
32.5µs
15
NC
27.5V
OVP
1.2V
VINV
Startup
S/H
tOFF-MIN
(8us/37µs/2.5ms)
DET OVP
2.5V
tOFF
Blanking
(4µs)
VDET
Latched
Valley
Detector
IDET
1st Valley
tOFF-MIN
+9µs
Debounce
100ms
Brownout
comparator
Lathed
Protection
Brownout
Protection
(RT Pin) Externally Triggering
Output Open-Loop (FB Pin)
Output Short Circuit (FB
Pin)
Debounce
550ms / 150µs
Debounce
70µs
VC & PFC ON/OFF &
Multi Vector Amp.
ON/OFF
VINV
0.8V
VC
DET pin OVP
VDD pin OVP
Internal OTP
Output Over Power/ Overload (FB Pin)
Figure 2. Functional Block Diagram


Número de pieza similar - FAN6921MLMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
More results

Descripción similar - FAN6921MLMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
logo
ON Semiconductor
FL7921R ONSEMI-FL7921R Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Lighting Controller
Rev. 1.1
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com