Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XX1002-QH Datasheet(PDF) 5 Page - Mimix Broadband

No. de pieza XX1002-QH
Descripción Electrónicos  2.5-6.0/5.0-12.0 GHz Active Doubler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MIMIX [Mimix Broadband]
Página de inicio  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1002-QH Datasheet(HTML) 5 Page - Mimix Broadband

  XX1002-QH_10 Datasheet HTML 1Page - Mimix Broadband XX1002-QH_10 Datasheet HTML 2Page - Mimix Broadband XX1002-QH_10 Datasheet HTML 3Page - Mimix Broadband XX1002-QH_10 Datasheet HTML 4Page - Mimix Broadband XX1002-QH_10 Datasheet HTML 5Page - Mimix Broadband XX1002-QH_10 Datasheet HTML 6Page - Mimix Broadband XX1002-QH_10 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5 of 7
2.5-6.0/5.0-12.0 GHz Active Doubler
QFN, 4x4 mm
PCB Layout
X1002-QH
C1 = 1nF, C2 = 1µF
Vcc
MTTF Graphs
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2010 - Rev 04-Mar-10
XX1002-QH: MTTF hours vs. Package Base Temperature
Vcc=5.0V,Icc=125mA
1.0E+12
1 0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1.0E+10
1.0E+11
1.0E+04
1.0E+05
20
30
40
50
60
70
80
90
100
110
120
Package Base Temp (ºC)
XX1002-QH: Tch (max) vs. Package Base Temperature
Vcc=5.0V,Icc=125mA
100
120
140
160
180
200
40
60
80
100
20
30
40
50
60
70
80
90
100
110
120
Package Base Temp (ºC)


Número de pieza similar - XX1002-QH_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
XX1002-QH MA-COM-XX1002-QH_15 Datasheet
896Kb / 6P
   Active Doubler
More results

Descripción similar - XX1002-QH_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
XX1002 MIMIX-XX1002 Datasheet
374Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-BD MIMIX-XX1002-BD Datasheet
444Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_07 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
logo
Transcom, Inc.
TA060-120-25-27 TRANSCOM-TA060-120-25-27 Datasheet
48Kb / 2P
   6.0 . 12.0 GHz 27dBmAmplifiers
logo
Mimix Broadband
XX1005-BD MIMIX-XX1005-BD Datasheet
218Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
logo
Transcom, Inc.
TA060-120-20-21 TRANSCOM-TA060-120-20-21 Datasheet
48Kb / 2P
   6.0 ??12.0 GHz 21dBmAmplifiers
TA060-120-45-30 TRANSCOM-TA060-120-45-30 Datasheet
47Kb / 2P
   6.0 ??12.0 GHz 30dBm Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com