Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QXX08NYYRP Datasheet(PDF) 5 Page - Littelfuse

No. de pieza QXX08NYYRP
Descripción Electrónicos  8 Amp bi-directional solid state switch series is designed for AC switching and phase
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX08NYYRP Datasheet(HTML) 5 Page - Littelfuse

  QXX08NYYRP Datasheet HTML 1Page - Littelfuse QXX08NYYRP Datasheet HTML 2Page - Littelfuse QXX08NYYRP Datasheet HTML 3Page - Littelfuse QXX08NYYRP Datasheet HTML 4Page - Littelfuse QXX08NYYRP Datasheet HTML 5Page - Littelfuse QXX08NYYRP Datasheet HTML 6Page - Littelfuse QXX08NYYRP Datasheet HTML 7Page - Littelfuse QXX08NYYRP Datasheet HTML 8Page - Littelfuse QXX08NYYRP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
79
©2010 Littelfuse, Inc
Revised: July 29, 2010 12:24 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Lxx08xx & Qxx08xx & Qxx08xHx Series
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
TM
p
MAX.
V
I
DRM
I
RRM
V
DRM = VRRM
T
J = 25°C
MAX.
20
μA
T
J = 110°C
0.5
mA
T
J = 25°C
400 - 1000V
50
μA
T
J = 125°C
400 - 800V
2
mA
T
J = 100°C
1000V
T
J = 25°C
400 - 800V
10
μA
1000V
20
T
J = 125°C
400 - 800V
2
mA
T
J = 100°C
1000V
Thermal Resistances
Symbol
Parameter
Value
Unit
R
(J-C)
Junction to case (AC)
1.5
°C/W
2.8
2.1
R
(J-A)
Junction to ambient
45
°C/W
50
Figure 2: Normalized DC Gate Trigger Current for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- ºC
-65
-40
-15
10
35
60
85
110
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Figure 1: Definition of Quadrants
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-


Número de pieza similar - QXX08NYYRP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
QXX08LT LITTELFUSE-QXX08LT Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTH LITTELFUSE-QXX08LTH Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTHTP LITTELFUSE-QXX08LTHTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTTP LITTELFUSE-QXX08LTTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
More results

Descripción similar - QXX08NYYRP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com