Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1213S065HN Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza ADC1213S065HN
Descripción Electrónicos  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213S065HN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ADC1213S065HN Datasheet HTML 3Page - NXP Semiconductors ADC1213S065HN Datasheet HTML 4Page - NXP Semiconductors ADC1213S065HN Datasheet HTML 5Page - NXP Semiconductors ADC1213S065HN Datasheet HTML 6Page - NXP Semiconductors ADC1213S065HN Datasheet HTML 7Page - NXP Semiconductors ADC1213S065HN Datasheet HTML 8Page - NXP Semiconductors ADC1213S065HN Datasheet HTML 9Page - NXP Semiconductors ADC1213S065HN Datasheet HTML 10Page - NXP Semiconductors ADC1213S065HN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
ADC1213S_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 14 March 2011
7 of 39
NXP Semiconductors
ADC1213S series
Single 12-bit ADC; serial JESD204A interface
Voltage controlled regulator output: pin VCM
VO(cm)
common-mode output
voltage
-0.5VDDA
-V
IO(cm)
common-mode output
current
-4
-
mA
Reference voltage input/output: pin VREF
VVREF
voltage on pin VREF
output
0.5
-
1
V
input
0.5
-
1
V
Data outputs: pins CMLP, CMLN
Output levels, VDDD(1V8) = 1.8 V; SWING_SEL[2:0] = 000
VOL
LOW-level output
voltage
DC-coupled; output
-
1.5
-
V
AC-coupled
-
1.35
-
V
VOH
HIGH-level output
voltage
DC-coupled; output
-
1.8
-
V
AC-coupled
-
1.65
-
V
Output levels, VDDD(1V8) = 1.8 V; SWING_SEL[2:0] = 001
VOL
LOW-level output
voltage
DC-coupled; output
-
1.45
-
V
AC-coupled
-
1.275
-
V
VOH
HIGH-level output
voltage
DC-coupled; output
-
1.8
-
V
AC-coupled
-
1.625
-
V
Output levels, VDDD(1V8) = 1.8 V; SWING_SEL[2:0] = 010
VOL
LOW-level output
voltage
DC-coupled; output
-
1.4
-
V
AC-coupled
-
1.2
-
V
VOH
HIGH-level output
voltage
DC-coupled; output
-
1.8
-
V
AC-coupled
-
1.6
-
V
Output levels, VDDD(1V8) = 1.8 V; SWING_SEL[2:0] = 011
VOL
LOW-level output
voltage
DC-coupled; output
-
1.35
-
V
AC-coupled
-
1.125
-
V
VOH
HIGH-level output
voltage
DC-coupled; output
-
1.8
-
V
AC-coupled
-
1.575
-
V
Output levels, VDDD(1V8) = 1.8 V; SWING_SEL[2:0] = 100
VOL
LOW-level output
voltage
DC-coupled; output
-
1.3
-
V
AC-coupled
-
1.05
-
V
VOH
HIGH-level output
voltage
DC-coupled; output
-
1.8
-
V
AC-coupled
-
1.55
-
V
Serial configuration: pins SYNCP, SYNCN
VIL
LOW-level input voltage
differential; input
-
0.95
-
V
VIH
HIGH-level input voltage differential; input
-
1.47
-
V
Accuracy
INL
integral non-linearity
−5-
+5
LSB
DNL
differential non-linearity
guaranteed no missing
codes
−0.95
±0.5
+0.95
LSB
Eoffset
offset error
-
±2-
mV
Table 5.
Static characteristics …continued[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - ADC1213S065HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
ADC1213S065HN NXP-ADC1213S065HN Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Integrated Device Techn...
ADC1213S065HN-C1 IDT-ADC1213S065HN-C1 Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results

Descripción similar - ADC1213S065HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com